Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP567 Datasheet (PDF) - Analog Devices

ADCMP567 Datasheet PDF - Analog Devices
Part # ADCMP567
Download  ADCMP567 Download

File Size   362.61 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Ultrafast Voltage Comparator

ADCMP567 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP567 Datasheet PDF - Analog Devices

Part # ADCMP567
Download  ADCMP567 Click to download

File Size   362.61 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Ultrafast Voltage Comparator

ADCMP567 Datasheet (HTML) - Analog Devices

Back Button ADCMP567 Datasheet HTML 1Page - Analog Devices ADCMP567 Datasheet HTML 2Page - Analog Devices ADCMP567 Datasheet HTML 3Page - Analog Devices ADCMP567 Datasheet HTML 4Page - Analog Devices ADCMP567 Datasheet HTML 5Page - Analog Devices ADCMP567 Datasheet HTML 6Page - Analog Devices ADCMP567 Datasheet HTML 7Page - Analog Devices ADCMP567 Datasheet HTML 8Page - Analog Devices ADCMP567 Datasheet HTML 9Page - Analog Devices ADCMP567 Datasheet HTML 10Page - Analog Devices Next Button 

ADCMP567 Product details

GENERAL DESCRIPTION
The ADCMP567 is an ultrafast voltage comparator fabricated on Analog Devices, Inc., proprietary XFCB process. The device features 250 ps propagation delay with less than 35 ps overdrive dispersion. Overdrive dispersion, a particularly important characteristic of high speed comparators, is a measure of the difference in propagation delay under differing overdrive conditions.

FEATURES
   250 ps propagation delay input to output
   50 ps propagation delay dispersion
   Differential PECL compatible outputs
   Differential latch control
   Robust input protection
   Input common-mode range −2.0 V to +3.0 V
   Input differential range ±5 V
   ESD protection >3 kV HBM, >200 V MM
   Power supply sensitivity >65 dB
   200 ps minimum pulse width
   5 GHz equivalent input rise time bandwidth
   Typical output rise/fall of 165 ps

APPLICATIONS
   High speed instrumentation
   Scope and logic analyzer front ends
   Window comparators
   High speed line receivers and signal restoration
   Threshold detection
   Peak detection
   High speed triggers
   Patient diagnostics
   Disk drive read channel detection
   Hand-held test instruments
   Zero-crossing detectors
   Clock drivers
   Automatic test equipment




Similar Part No. - ADCMP567

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP567 AD-ADCMP567_15 Datasheet
369Kb / 17P
   Dual Ultrafast Voltage Comparator
REV. 0
More results


Similar Description - ADCMP567

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP566 AD-ADCMP566 Datasheet
207Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP567 AD-ADCMP567_15 Datasheet
369Kb / 17P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565 AD-ADCMP565_15 Datasheet
208Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
logo
List of Unclassifed Man...
SPT9687 ETC-SPT9687 Datasheet
111Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP566 AD-ADCMP566_15 Datasheet
213Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
logo
Cadeka Microcircuits LL...
SPT9687 CADEKA-SPT9687 Datasheet
196Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689 CADEKA-SPT9689 Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP565 AD-ADCMP565 Datasheet
202Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565BPZ AD-ADCMP565BPZ Datasheet
219Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
logo
Fairchild Semiconductor
SPT9689 FAIRCHILD-SPT9689 Datasheet
75Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com