![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FQU10N20C - 200V N-Channel MOSFET - Fairchild Semiconductor |
|
Click Here View FQU10N20C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STD4N20 | N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY˘â MOSFET | STMicroelectronics |
| FDC2612 | 200V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FQAF19N20L | 200V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
| FQB5N20L | 200V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
| FQP4N20L | 200V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
| FQPF4N20 | 200V N-Channel MOSFET | Fairchild Semiconductor |
| IRF620B | 200V N-Channel MOSFET | Fairchild Semiconductor |
| IRFW620B | 200V N-Channel MOSFET | Fairchild Semiconductor |
| FQP32N20C | 200V N-Channel MOSFET | Fairchild Semiconductor |
| FDD2612 | 200V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FQU10N20C Datasheet | FQU10N20C Cross Reference | FQU10N20C Schematic | FQU10N20C Distributor | FQU10N20C Datenblatt | FQU10N20C RoHS |
| FQU10N20C Equivalent | FQU10N20C Application Notes | FQU10N20C Data Sheet | FQU10N20C component | FQU10N20C Fiche Technique | FQU10N20C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |