![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FT1011 - HIGH COMMUTATION TRIAC - ETC |
|
Click Here View FT1011 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NTE56063 | TRIAC 8A High Commutation | NTE Electronics |
| NTE56065 | TRIAC 600VRM 12A High Commutation | NTE Electronics |
| NTE56066 | TRIAC 16A High Commutation | NTE Electronics |
| NTE56068 | TRIAC 16A High Commutation | NTE Electronics |
| NTE56070 | TRIAC 25A High Commutation | NTE Electronics |
| BTA208S | Three quadrant triacs high commutation | NXP Semiconductors |
| BTA208X-1000B | Three quadrant triacs high commutation | NXP Semiconductors |
| MTW54N05E | High Energy in the Avalanche and Commutation modes | Motorola, Inc |
| BTA216 | Three quadrant triacs high commutation | NXP Semiconductors |
| BTA208X | Three quadrant triacs high commutation | NXP Semiconductors |
Link URL |
|
|
Related keyword |
| FT1011 Datasheet | FT1011 Cross Reference | FT1011 Schematic | FT1011 Distributor | FT1011 Datenblatt | FT1011 RoHS |
| FT1011 Equivalent | FT1011 Application Notes | FT1011 Data Sheet | FT1011 component | FT1011 Fiche Technique | FT1011 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |