Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEMD7000X01 Datasheet (PDF) - Vishay Siliconix

TEMD7000X01 Datasheet PDF - Vishay Siliconix
Part # TEMD7000X01
Download  TEMD7000X01 Download

File Size   141.48 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

TEMD7000X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMD7000X01 Datasheet PDF - Vishay Siliconix

Part # TEMD7000X01
Download  TEMD7000X01 Click to download

File Size   141.48 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

TEMD7000X01 Datasheet (HTML) - Vishay Siliconix

TEMD7000X01 Datasheet HTML 1Page - Vishay Siliconix TEMD7000X01 Datasheet HTML 2Page - Vishay Siliconix TEMD7000X01 Datasheet HTML 3Page - Vishay Siliconix TEMD7000X01 Datasheet HTML 4Page - Vishay Siliconix TEMD7000X01 Datasheet HTML 5Page - Vishay Siliconix TEMD7000X01 Datasheet HTML 6Page - Vishay Siliconix TEMD7000X01 Datasheet HTML 7Page - Vishay Siliconix

TEMD7000X01 Product details

• Package type: surface mount
• Package form: 0805
• Dimensions (L x W x H in mm): 2 x 1.25 x 0.85
• Radiant sensitive area (in mm2): 0.23
• High photo sensitivity
• High radiant sensitivity
• Suitable for visible and near infrared radiation
• Fast response times
• Angle of half sensitivity: ϕ = ± 60°
• Floor life: 168 h, MSL 3, according to J-STD-020
• Lead (Pb)-free reflow soldering
• AEC-Q101 qualified




Similar Part No. - TEMD7000X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD7000X01 VISHAY-TEMD7000X01 Datasheet
133Kb / 7P
   Silicon PIN Photodiode
Rev. 1.3, 28-Sep-10
TEMD7000X01 VISHAY-TEMD7000X01 Datasheet
138Kb / 7P
   Silicon PIN Photodiode
01-Jan-2022
TEMD7000X01 VISHAY-TEMD7000X01 Datasheet
139Kb / 7P
   Silicon PIN Photodiode
01-Jan-2023
TEMD7000X01 VISHAY-TEMD7000X01_V01 Datasheet
138Kb / 7P
   Silicon PIN Photodiode
01-Jan-2022
TEMD7000X01 VISHAY-TEMD7000X01_V02 Datasheet
139Kb / 7P
   Silicon PIN Photodiode
01-Jan-2023
More results


Similar Description - TEMD7000X01

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com