Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-016N002A Datasheet (PDF) - Vishay Siliconix

LCD-016N002A Datasheet PDF - Vishay Siliconix
Part # LCD-016N002A
Download  LCD-016N002A Download

File Size   76.85 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 x 2 Character LCD

LCD-016N002A Datasheet (PDF)

Go To PDF Page Download Datasheet
LCD-016N002A Datasheet PDF - Vishay Siliconix

Part # LCD-016N002A
Download  LCD-016N002A Click to download

File Size   76.85 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 x 2 Character LCD

LCD-016N002A Datasheet (HTML) - Vishay Siliconix

LCD-016N002A Datasheet HTML 1Page - Vishay Siliconix LCD-016N002A Datasheet HTML 2Page - Vishay Siliconix LCD-016N002A Datasheet HTML 3Page - Vishay Siliconix

LCD-016N002A Product details

• Type: Character
• Display format: 16 x 2 characters
• Built-in controller: KS 0066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply (also available for + 3 V)
• LED can be driven by pin 1, pin 2, pin 15, pin 16 or A and K
• N.V. optional for + 3 V power supply
• Optional: Smaller character size (2.95 mm x 4.35 mm)
• Compliant to RoHS directive 2002/95/EC




Similar Part No. - LCD-016N002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016N002A VISHAY-LCD-016N002A Datasheet
73Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002A VISHAY-LCD-016N002A Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002A VISHAY-LCD-016N002A_V01 Datasheet
73Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002A VISHAY-LCD-016N002A_V02 Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
More results


Similar Description - LCD-016N002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002O VISHAY-LCD-016N002O_V01 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002L1 VISHAY-LCD-016N002L1_V02 Datasheet
66Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002C VISHAY-LCD-016N002C_V02 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016M002C VISHAY-LCD-016M002C Datasheet
116Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
LCD-016M002M VISHAY-LCD-016M002M Datasheet
117Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com