Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS509 Datasheet (PDF) - List of Unclassifed Manufacturers

LS509 Datasheet PDF - List of Unclassifed Manufacturers
Part # LS509
Download  LS509 Download

File Size   94.01 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class A Amplifier with 3 Gain Blocks & Schottky Diodes

LS509 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS509 Datasheet PDF - List of Unclassifed Manufacturers

Part # LS509
Download  LS509 Click to download

File Size   94.01 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class A Amplifier with 3 Gain Blocks & Schottky Diodes

LS509 Datasheet (HTML) - List of Unclassifed Manufacturers

LS509 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 5Page - List of Unclassifed Manufacturers

LS509 Product details

[Gennum]

DESCRIPTION
The LS509 is a Class A amplifier utilizing Gennum’s proprietary low voltage JFET technology. It consists of two singleended, low noise inverting gain blocks, a Class A output stage, an on-chip microphone decoupling resistor and a pair of Schottky diodes for symmetrical peak clipping.

FEATURES
• 140 µA typical current drain
• low noise and distortion
• 1.0 to 5 VDC operating range
• independent preamplifier
• 2 DC coupled stages
• class A output stage
• variable transducer current
• Schottky diodes for MPO control
• 4 kΩ microphone decoupling resistor




Similar Part No. - LS509

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LS509-11BB TEC-LS509-11BB Datasheet
258Kb / 5P
   HORIZONTAL LIQUID LEVEL SENSORS
LS509-11CC TEC-LS509-11CC Datasheet
258Kb / 5P
   HORIZONTAL LIQUID LEVEL SENSORS
LS509-11NBB TEC-LS509-11NBB Datasheet
258Kb / 5P
   HORIZONTAL LIQUID LEVEL SENSORS
LS509-11NCC TEC-LS509-11NCC Datasheet
258Kb / 5P
   HORIZONTAL LIQUID LEVEL SENSORS
LS509-12BB TEC-LS509-12BB Datasheet
258Kb / 5P
   HORIZONTAL LIQUID LEVEL SENSORS
More results


Similar Description - LS509

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
   Class A Amplifier with 3 Independent Gain Blocks
logo
List of Unclassifed Man...
GK509 ETC1-GK509 Datasheet
85Kb / 5P
   Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
LP508 ETC-LP508 Datasheet
80Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
GP509 ETC1-GP509 Datasheet
138Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
LD505 ETC-LD505 Datasheet
189Kb / 5P
   High Gain Class A Amplifier
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
   High Gain Class A Amplifier with Peak Clipping
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com