Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2079 Datasheet (PDF) - NTE Electronics

NTE2079 Datasheet PDF - NTE Electronics
Part # NTE2079
Download  NTE2079 Download

File Size   20.69 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 7-Stage Darlington Transistor Array

NTE2079 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2079 Datasheet PDF - NTE Electronics

Part # NTE2079
Download  NTE2079 Click to download

File Size   20.69 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 7-Stage Darlington Transistor Array

NTE2079 Datasheet (HTML) - NTE Electronics

NTE2079 Datasheet HTML 1Page - NTE Electronics NTE2079 Datasheet HTML 2Page - NTE Electronics

NTE2079 Product details

Description:

The NTE2079 is a 7–channel sink driver in a 16–Lead DIP type package and consists of 14 NPN transistors connected to form seven high current gain driver pairs.



Features:

• High Output Sustaining Voltage to 40V

• High Output Sink Current to 400mA

• PMOS Compatible Input

• Wide Operating Temperature Range (TA = –20° to +75°C)



Application:

  Relay and printer driver, LED or Incandescent display digit driver, Interfacing for standard MOS/BI POLAR logics.



Function:

  The NTE2079 is comprised of seven NPN Darlington drivers pairs with 20kΩ series input resistors. All emitters and the substrate are connected together to Pin8. The outputs are capable of sinking 400mA and will withstand 40V in the OFF state.



 




Similar Part No. - NTE2079

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2075 NTE-NTE2075 Datasheet
21Kb / 2P
   Integrated Circuit 5-Stage Transistor Array w/Strobe
NTE2076 NTE-NTE2076 Datasheet
18Kb / 2P
   Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode
More results


Similar Description - NTE2079

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
logo
KEC(Korea Electronics)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
   7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com