Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHCL-4040DZ-5A22 Datasheet (PDF) - Vishay Siliconix

IHCL-4040DZ-5A22 Datasheet PDF - Vishay Siliconix
Part # IHCL-4040DZ-5A22_17
Download  IHCL-4040DZ-5A22 Download

File Size   129.88 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Profile, High-Current Coupled Inductor

IHCL-4040DZ-5A22 Datasheet (PDF)

Go To PDF Page Download Datasheet
IHCL-4040DZ-5A22 Datasheet PDF - Vishay Siliconix

Part # IHCL-4040DZ-5A22_17
Download  IHCL-4040DZ-5A22 Click to download

File Size   129.88 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Profile, High-Current Coupled Inductor

IHCL-4040DZ-5A22 Datasheet (HTML) - Vishay Siliconix

IHCL-4040DZ-5A22_17 Datasheet HTML 1Page - Vishay Siliconix IHCL-4040DZ-5A22_17 Datasheet HTML 2Page - Vishay Siliconix IHCL-4040DZ-5A22_17 Datasheet HTML 3Page - Vishay Siliconix

IHCL-4040DZ-5A22 Product details

• High temperature, up to 155 °C
• Shielded construction
• Frequency range up to 5.0 MHz
• Lowest DCR/μH in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite
construction
• Coupling is > 90 % - optimized for SEPIC converters
• AEC-Q200 qualified




Similar Part No. - IHCL-4040DZ-5A22_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHCL-4040DZ-5A22 VISHAY-IHCL-4040DZ-5A22 Datasheet
128Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 15-Jul-16
More results


Similar Description - IHCL-4040DZ-5A22_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHCL-4040DZ-5A2.2 VISHAY-IHCL-4040DZ-5A2.2 Datasheet
127Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 27-Jun-14
IHCL-4040DZ-5A10 VISHAY-IHCL-4040DZ-5A10 Datasheet
125Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 15-Jul-16
IHCL-4040DZ-5A15 VISHAY-IHCL-4040DZ-5A15_17 Datasheet
136Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 22-Sep-17
IHCL-4040DZ-5A4.7 VISHAY-IHCL-4040DZ-5A4.7 Datasheet
137Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 22-Sep-17
IHCL-4040DZ-51 VISHAY-IHCL-4040DZ-51 Datasheet
141Kb / 3P
   Low-Profile, High-Current Coupled Inductor
IHCL-4040DZ-5A2.7 VISHAY-IHCL-4040DZ-5A2.7_V01 Datasheet
142Kb / 3P
   Low-Profile, High-Current Coupled Inductor
01-Jan-2022
IHCL-4040DZ-5A VISHAY-IHCL-4040DZ-5A_V01 Datasheet
140Kb / 3P
   Low-Profile, High-Current Coupled Inductor
01-Jan-2022
IHCL-4040DZ-512.2 VISHAY-IHCL-4040DZ-512.2 Datasheet
137Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 22-Sep-17
IHCL-4040DZ-5115 VISHAY-IHCL-4040DZ-5115 Datasheet
133Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 22-Sep-17
IHCL-4040DZ-514.7 VISHAY-IHCL-4040DZ-514.7 Datasheet
134Kb / 3P
   Low-Profile, High-Current Coupled Inductor
Revision: 22-Sep-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com