Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95128-WMW3T Datasheet (PDF) - STMicroelectronics

M95128-WMW3T Datasheet PDF - STMicroelectronics
Part # M95128-WMW3T
Download  M95128-WMW3T Download

File Size   580.01 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock

M95128-WMW3T Datasheet (PDF)

Go To PDF Page Download Datasheet
M95128-WMW3T Datasheet PDF - STMicroelectronics

Part # M95128-WMW3T
Download  M95128-WMW3T Click to download

File Size   580.01 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock

M95128-WMW3T Datasheet (HTML) - STMicroelectronics

Back Button M95128-WMW3T Datasheet HTML 1Page - STMicroelectronics M95128-WMW3T Datasheet HTML 2Page - STMicroelectronics M95128-WMW3T Datasheet HTML 3Page - STMicroelectronics M95128-WMW3T Datasheet HTML 4Page - STMicroelectronics M95128-WMW3T Datasheet HTML 5Page - STMicroelectronics M95128-WMW3T Datasheet HTML 6Page - STMicroelectronics M95128-WMW3T Datasheet HTML 7Page - STMicroelectronics M95128-WMW3T Datasheet HTML 8Page - STMicroelectronics M95128-WMW3T Datasheet HTML 9Page - STMicroelectronics M95128-WMW3T Datasheet HTML 10Page - STMicroelectronics Next Button 

M95128-WMW3T Product details

DESCRIPTION
These SPI-compatible electrically erasable programmable memory (EEPROM) devices are organized as 32K x 8 bits (M95256) and 16K x 8 bits (M95128), and operate down to 2.7 V (for the -V version), 2.5 V (for the -W version), and down to 1.8 V (for the -R version of each device).

■ SPI Bus Compatible Serial Interface
■ Supports Positive Clock SPI Modes
■ 5 MHz Clock Rate (maximum)
■ Single Supply Voltage:
    – 4.5V to 5.5V for M95xxx
    – 2.7V to 3.6V for M95xxx-V
    – 2.5V to 5.5V for M95xxx-W
    – 1.8V to 3.6V for M95xxx-R
■ Status Register
■ Hardware and Software Protection of the Status Register
■ BYTE and PAGE WRITE (up to 64 Bytes)
■ Self-Timed Programming Cycle
■ Resizeable Read-Only EEPROM Area
■ Enhanced ESD Protection
■ 100,000 Erase/Write Cycles (minimum)
■ 40 Year Data Retention (minimum)




Similar Part No. - M95128-WMW3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128-WMB3G/A STMICROELECTRONICS-M95128-WMB3G/A Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-WMB3G/P STMICROELECTRONICS-M95128-WMB3G/P Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-WMB3G/P STMICROELECTRONICS-M95128-WMB3G/P Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-WMB3G/PC STMICROELECTRONICS-M95128-WMB3G/PC Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-WMB3P/A STMICROELECTRONICS-M95128-WMB3P/A Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
More results


Similar Description - M95128-WMW3T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
logo
Asahi Kasei Microsystem...
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M95512-W STMICROELECTRONICS-M95512-W Datasheet
531Kb / 31P
   512Kbit Serial SPI Bus EEPROM With High Speed Clock
June 2005
M95512 STMICROELECTRONICS-M95512 Datasheet
195Kb / 31P
   512Kbit Serial SPI Bus EEPROM With High Speed Clock
M95080 STMICROELECTRONICS-M95080 Datasheet
648Kb / 40P
   16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
logo
Sanyo Semicon Device
LE25LB2562M SANYO-LE25LB2562M Datasheet
319Kb / 14P
   256Kbit Serial SPI EEPROM
logo
STMicroelectronics
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com