Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN1008UFDF-7 Datasheet (PDF) - Diodes Incorporated

DMN1008UFDF-7 Datasheet PDF - Diodes Incorporated
Part # DMN1008UFDF-7
Download  DMN1008UFDF-7 Download

File Size   573.61 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN1008UFDF-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN1008UFDF-7 Datasheet PDF - Diodes Incorporated

Part # DMN1008UFDF-7
Download  DMN1008UFDF-7 Click to download

File Size   573.61 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN1008UFDF-7 Datasheet (HTML) - Diodes Incorporated

DMN1008UFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMN1008UFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMN1008UFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMN1008UFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMN1008UFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMN1008UFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMN1008UFDF-7 Datasheet HTML 7Page - Diodes Incorporated

DMN1008UFDF-7 Product details

Description
This MOSFET is designed to minimize the on-state resistance (RDS(ON)) and yet maintain superior switching performance, making it ideal for high-efficiency power management applications.

Features
• 0.6mm Profile – Ideal for Low Profile Applications
• PCB Footprint of 4mm2
• Low Gate Threshold Voltage
• Fast Switching Speed
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e.: parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please refer to the related automotive grade (Q-suffix) part.
   A listing can be found at
   https://www.diodes.com/products/automotive/automotive-products/.
• This part is qualified to JEDEC standards (as references in
   AEC-Q) for High Reliability.
   https://www.diodes.com/quality/product-definitions/

Applications
• Battery Management Application
• Power Management Functions
• DC-DC Converters




Similar Part No. - DMN1008UFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1008UFDFQ-13 DIODES-DMN1008UFDFQ-13 Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1008UFDFQ-7 DIODES-DMN1008UFDFQ-7 Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
More results


Similar Description - DMN1008UFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA_15 Datasheet
372Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
   12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019UVT DIODES-DMN1019UVT_15 Datasheet
365Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1019UFDE DIODES-DMN1019UFDE_15 Datasheet
287Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019USN DIODES-DMN1019USN_15 Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1004UFV DIODES-DMN1004UFV Datasheet
375Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019USN DIODES-DMN1019USN Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com