3AG 2-R
AI

The **3AG 2-R** refers to a specific type of electronic component, most commonly identified as a **Fast-Acting Glass Body Cartridge Fuse**.
Below is a detailed breakdown of its specifications, physical properties, and common applications.
### 1. General Specifications
The alphanumeric code "3AG 2-R" provides information about the size, amperage, and compliance of the fuse.
| Attribute | Specification | Description |
| :--- | :--- | :--- |
| **Series Type** | 3AG | Standard size code (approx. 1/4" x 1-1/4") |
| **Current Rating** | 2A | Rated for a maximum of 2 Amperes |
| **Voltage Rating** | 250V | Maximum operating voltage |
| **Response Characteristic** | Fast-Acting (F) | Opens quickly when current exceeds the rating |
| **RoHS Compliant** | -R | Indicates lead-free/environmentally friendly materials |
---
### 2. Physical Dimensions
The "3AG" designation is one of the most common physical formats for fuses in North America.
* **Diameter:** 6.35 mm (1/4 inch)
* **Length:** 31.75 mm (1-1/4 inch)
* **Body Material:** Transparent Glass (allows for visual inspection of the filament)
* **Cap Material:** Nickel-plated brass or similar conductive alloy
---
### 3. Key Technical Characteristics
#### A. Fast-Acting vs. Slow-Blow
Unlike "Slo-Blo" fuses (3AB or MDL series), the **3AG 2-R** is designed to blow almost instantly if a short circuit or significant overcurrent occurs. This is critical for protecting sensitive electronic circuits that cannot withstand even brief surges.
#### B. Interrupting Rating
This component typically has an interrupting rating (breaking capacity) of:
* **35A at 250V AC**
* **10,000A at 125V AC**
#### C. Typical Resistance
At a 2A rating, the cold resistance is generally very low (typically in the range of **0.060 to 0.070 Ohms**), ensuring minimal voltage drop across the component during normal operation.
---
### 4. Common Applications
The 3AG 2-R fuse is widely used in both consumer and industrial electronics:
* **Power Supplies:** Protecting the input stage of desktop equipment.
* **Amplifiers:** Used in vintage and modern audio equipment to protect internal circuitry.
* **Test Equipment:** Common in multimeters and oscilloscopes.
* **Appliances:** Found in small household appliances that require 2A protection.
---
### 5. Part Numbering Example (Littelfuse / Eaton)
In a professional context, you may see this part listed under specific manufacturer codes:
* **Littelfuse:** `0312002.HXP` (Standard 3AG 2A)
* **Bussmann (Eaton):** `BK/AGC-2-R`
---
- ⤷What is the difference between a 3AG fuse and a 3AB fuse?
- ⤷ How can I tell if a 3AG 2-R fuse is blown without a multimeter?
- ⤷ Can I replace a 3AG 2-R fuse with a Slow-Blow version of the same amperage?