3SB 4-R
AI

The **3SB 4-R** refers to a specific series of industrial control devices, primarily manufactured by **Siemens** under the **SIRIUS 3SB** family. Specifically, this designation usually points to a **round, red emergency stop (E-Stop) pushbutton** or a pilot light indicator, depending on the exact sub-variant.
---
## 1. Component Overview
The 3SB series is designed for heavy-duty industrial environments, ensuring reliable human-machine interface (HMI) interaction. The "4-R" designation typically identifies the physical characteristics and the color.
| Feature | Specification |
| :--- | :--- |
| **Series** | SIRIUS 3SB3 (standard 22mm) |
| **Diameter** | 22 mm mounting hole |
| **Color** | Red (R) |
| **Actuator Type** | Mushroom head / Emergency Stop |
| **Material** | Plastic or Metal (depending on suffix) |
| **Ingress Protection** | IP66 / IP67 (Dust tight and waterproof) |
---
## 2. Electrical Characteristics
The device itself is an **actuator**. To function electronically, it must be paired with **Contact Blocks**.
### Contact Configurations
The electronic behavior depends on the contact blocks clipped to the back of the 3SB 4-R:
* **NC (Normally Closed):** Used for safety circuits (Emergency Stop). When the button is pressed, the circuit opens.
* **NO (Normally Open):** Used for start signals or status indicators.
### Technical Ratings
* **Rated Operational Voltage ($U_e$):** Typically up to 500V AC or 230V DC.
* **Thermal Current ($I_{th}$):** Generally rated for 10A.
* **Switching Frequency:** Mechanical life of approximately $3 \times 10^5$ operating cycles.
---
## 3. Physical & Electronic Assembly
The 3SB 4-R is a modular system consisting of three main parts:
1. **Actuator (The 4-R head):** The visible red part the operator presses.
2. **Holder:** The bracket that secures the actuator to the control panel.
3. **Contact Block/Lampholder:** The electronic component where wires are connected. If the unit is an indicator, it contains an **LED** or **Incandescent** bulb.
---
## 4. Common Application Wiring
In a safety circuit, the 3SB 4-R (Red E-Stop) is wired in series with the coil of a contactor:
```mermaid
graph LR
Power[L1] --> EStop[3SB 4-R NC Contact]
EStop --> StopBtn[Stop Button]
StopBtn --> Contactor[Motor Contactor Coil]
Contactor --> Neutral[N]
```
### Key Safety Standards
* **EN ISO 13850:** Complies with safety requirements for emergency stop functions.
* **IEC 60947-5-1:** Standard for low-voltage switchgear and controlgear.
- ⤷
What is the difference between the plastic and metal versions of the 3SB series?
- ⤷ How do I choose between a 2-way and 3-way contact block holder for this device?
- ⤷ Is the 3SB 4-R compatible with the newer SIRIUS ACT 3SU1 series?