Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 3SB 7-R

  • AI
    The **3SB7-R** is a specific electronic component typically categorized within the **Pushbutton Switch** or **Pilot Device** families, commonly associated with industrial control circuits. Below is a breakdown of its technical composition and electronic functions. ### 1. Component Overview The 3SB7 series (often part of the Siemens or similar industrial automation ecosystems) represents a line of 22mm command and signaling devices. The **-R** suffix typically denotes the **Red** color variant, often used for "Stop" or "Emergency" functions. --- ### 2. Key Electronic Parts and Construction An industrial pushbutton like the 3SB7-R is modular. It consists of three primary electronic/mechanical sections: | Part Name | Function | Material/Details | | :--- | :--- | :--- | | **Actuator (Head)** | The physical interface (Red button). | Polycarbonate or Metal (Ruggedized) | | **Contact Block** | The electrical switching element. | NC (Normally Closed) or NO (Normally Open) | | **Holder/Bracket** | Secures the actuator to the contact blocks. | Metal or high-strength plastic | | **Terminals** | Connection points for wiring. | Screw terminals or Spring-loaded | --- ### 3. Technical Specifications Electronic performance is defined by its ability to handle voltage and current under industrial loads. * **Rated Operational Voltage ($U_e$):** Typically up to 400V AC or 230V DC. * **Thermal Current ($I_{th}$):** Usually rated for 10A. * **Contact Reliability:** Designed for low-voltage/low-current switching (e.g., 5mA at 24V) to ensure signal integrity for PLCs. * **Mechanical Life:** Generally rated for $1 \times 10^6$ to $10 \times 10^6$ switching cycles. --- ### 4. Circuit Functionality In a control system, the **3SB7-R** serves two primary electronic roles: 1. **Safety Interruption:** As a red button, it is frequently equipped with an **NC (Normally Closed)** contact block. When pressed, it breaks the circuit, cutting power to a motor contactor or sending a "Stop" signal to a PLC. 2. **Signal Logic:** It provides a physical-to-electrical transition, allowing human input to enter a digital control logic (0 to 1 transition). --- ### 5. Environmental Protection (Ingress Protection) Since these are used in factories, the electronic parts are protected by specific ratings: * **IP65/IP67:** Dust-tight and protected against water jets/immersion. * **NEMA 4X:** Corrosion resistance for the internal metal contacts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NO and NC contact block in a 3SB7 switch?
    • ⤷ How do you mount a 3SB7-R onto a control panel?
    • ⤷ Can the 3SB7-R be illuminated with an internal LED?