V680-HS65-R 2M
AI

The **V680-HS65-R 2M** is a high-performance RFID Antenna (Read/Write Head) manufactured by Omron. It is part of the V680 series, designed for industrial automation and data tracking.
---
## Technical Specifications
The "2M" in the model name indicates a **2-meter** robotic (high-flex) cable length.
| Feature | Specification |
| :--- | :--- |
| **Transmission Frequency** | 13.56 MHz |
| **Shape** | Square (Rectangular) |
| **Dimensions** | 100 x 100 x 30 mm |
| **Cable Type** | Robot Cable (R-type) |
| **Enclosure Rating** | IP67 (Water and Dust resistant) |
| **Operating Temperature** | -10°C to +60°C |
| **Indicator** | Operation indicator (Green/Orange) |
---
## Electronic & Functional Components
### 1. The Antenna Coil
Inside the 100x100mm housing is a copper induction coil. It uses **Electromagnetic Induction** to communicate with the RFID tag. Because this is a square-shaped antenna, it provides a larger sensing area compared to cylindrical models, making it ideal for large palettes or moving conveyors.
### 2. Communication Interface
The unit does not process data autonomously; it must be connected to a **V680 Controller** (such as the V680-CA5D or a PLC module).
* **Power Supply:** Received from the controller via the 2M cable.
* **Data Transfer:** High-speed serial communication between the head and the controller.
### 3. Indicator LED (Electronic Feedback)
The head contains an integrated LED that provides real-time status:
* **Green:** Power is ON / Standby mode.
* **Orange:** Communication is in progress with an RFID tag.
### 4. Robotic Cable (2M)
The "R" in the model name stands for **Robot Cable**.
* **Electronic shielding:** The cable is shielded to prevent EMI (Electromagnetic Interference) from nearby motors or high-voltage lines.
* **Flexibility:** It is designed to withstand millions of bending cycles, making it suitable for mounting on robotic arms.
---
## Read/Write Distances
The electronic performance varies based on the RFID tag paired with it:
| Paired RFID Tag | Max Read Distance | Max Write Distance |
| :--- | :--- | :--- |
| **V680-D1KP66T** | 25 to 100 mm | 25 to 100 mm |
| **V680-D8KF68** | 25 to 150 mm | 25 to 150 mm |
| **V680-D32KF68** | 25 to 150 mm | 25 to 150 mm |
---
## Installation Precautions
* **Metal Interference:** Since it operates on a 13.56 MHz induction field, mounting the electronic head directly on metal will reduce communication distance. Use a non-metallic spacer if possible.
* **Mutual Interference:** If two V680-HS65-R heads are placed close together, they may interfere. A minimum distance of 300mm–500mm is usually required.
- ⤷What is the difference between the HS65 and the cylindrical HS63 models?
- ⤷ How do I troubleshoot an orange flashing light on the V680-HS65-R?
- ⤷ Which Omron controllers are compatible with this specific antenna?