Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCP1063 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PEWCP1063 Datasheet

  • # Example questions: ➢ What is the frequency range over which the pewcp1063 waveguide coupler operates?
    ➢ What is the nominal coupling level, in db, for this pewcp1063 component?
    ➢ What type of flange is used for the input, output, and coupled connections of the pewcp1063?

  • Part No.PEWCP1063
    ManufacturerPASTERNACK
    Size409 Kbytes
    Pages5 pages
    DescriptionWR-112 20 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
    Datasheet Summary with AI

    # PEWCP1063 Waveguide Coupler

    ## Overview
    · Model: PEWCP1063
    · Type: WR-112 Crossguide Waveguide Coupler
    · Frequency Range: 7.05 GHz to 10 GHz
    · Nominal Coupling Level: 20 dB

    ## Electrical Specifications
    · Directivity: ≥ 45 dB
    · Insertion Loss: ≤ 0.1 dB
    · Main Line VSWR: ≤ 1.05:1

    ## Mechanical Specifications
    · Size: 4 in x 4 in [101.6 mm x 101.6 mm]
    · Weight: 1.81 lbs [821 g]
    · Flange Type: Square Cover
    · Flange Designation: UG-51/U
    · Material: Copper Alloy

    ## Key Features
    · Crossguide design
    · Low VSWR
    · Suitable for power measurements, radar, satellite, microwave radio, attenuation measurements, source leveling, and frequency monitoring.

    ## Compliance
    · RoHS Compliant
    · REACH Compliant (as of 12/17/2015)

    ## Additional Information
    · Same-day shipment available.
    · 99% product availability.
    · Detailed information, pricing, and certifications available via URL: [http://www.pasternack.com/wr112-20db-waveguide-coupler-ug51-square-crossguide-pewcp1063-p.aspx](http://www.pasternack.com/wr112-20db-waveguide-coupler-ug51-square-crossguide-pewcp1063-p.aspx)

    # PEWCP1063 Waveguide Coupler

    ## Overview
    · Model: PEWCP1063
    · Type: WR-112 Crossguide Waveguide Coupler
    · Frequency Range: 7.05 GHz to 10 GHz
    · Nominal Coupling Level: 20 dB

    ## Electrical Specifications
    · Directivity: ≥ 45 dB
    · Insertion Loss: ≤ 0.1 dB
    · Main Line VSWR: ≤ 1.05:1

    ## Mechanical Specifications
    · Size: 4 in x 4 in [101.6 mm x 101.6 mm]
    · Weight: 1.81 lbs [821 g]
    · Flange Type: Square Cover
    · Flange Designation: UG-51/U
    · Material: Copper Alloy

    ## Key Features
    · Crossguide design
    · Low VSWR
    · Suitable for power measurements, radar, satellite, microwave radio, attenuation measurements, source leveling, and frequency monitoring.

    ## Compliance
    · RoHS Compliant
    · REACH Compliant (as of 12/17/2015)

    ## Additional Information
    · Same-day shipment available.
    · 99% product availability.
    · Detailed information, pricing, and certifications available via URL: [http://www.pasternack.com/wr112-20db-waveguide-coupler-ug51-square-crossguide-pewcp1063-p.aspx](http://www.pasternack.com/wr112-20db-waveguide-coupler-ug51-square-crossguide-pewcp1063-p.aspx)

    Part No.PEWCP1063
    ManufacturerPASTERNACK
    Size409 Kbytes
    Pages5 pages
    DescriptionWR-112 20 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz