Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3378GS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MP3378GS Datasheet

  • # Example questions: ➢ What voltage range should be applied to the a-dim pin for analog dimming?
    ➢ What components are needed to enable the boost led controller, according to the quick start guide?
    ➢ What is the recommended frequency range for the pwm signal when using pwm dimming?

  • Part No.MP3378GS
    ManufacturerMPS
    Size356 Kbytes
    Pages8 pages
    Description4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
    Datasheet Summary with AI

    1. Overview and Purpose

    ️· Product: MPS EV3378-S-00A – a combined Boost LED Controller and Buck Converter. It's designed for LED lighting applications.
    ️· Document Purpose: This document provides information about the EVB (Evaluation Board) for the EV3378, including schematic, board layout, test results, and a quick start guide.
    ️· Key Functionality:
    - Boost LED Controller: Drives LEDs in series strings (capable of 4 strings in parallel).
    - Buck Converter: Provides a regulated output voltage.

    2. Test Conditions & Setup

    ️· Standard Test Configuration:
    - VIN: 16V (Nominal)
    - LEDs: 10 white LEDs in series per string
    - Strings: 4 strings in parallel
    - Current per String: 120mA (Nominal)
    - Temperature: 25°C (TA)
    ️· Dimming Options: PWM and Analog dimming are tested.
    ️· Load conditions: Output current varied from 0A to 2A in various tests.

    3. Key Test Results

    ️· Steady-State Performance: (Waveforms shown) Demonstrates stable operation under load.
    ️· Analog Dimming: Verified functionality.
    ️· PWM Dimming: Verified functionality.
    ️· Transient Response: Demonstrated the response time for changes in output current.
    ️· Output Ripple: Evaluated the ripple voltage on the output, both at 0A and 2A.
    ️· Power-Up/Power-Down Behavior: Showed the performance during power transitions.
    ️· Short Circuit Handling: Demonstrates the circuit's behavior under fault conditions (shorted inductor, shorted diode, shorted LED string).
    ️· Open String Handling: Showed the circuit's behavior when one LED string is disconnected.

    4. Quick Start Guide – Key Steps

    1. Connect Load: Connect the LED load (10 LEDs in series, 4 strings) to the LED/LED1-4 pins. Connect load to Vout and GND for the Buck converter.
    2. Connect Power: Connect a power supply (8V-24V) to VIN and GND.
    3. Enable and Dimming: Set PWM and A-DIM to high. Enable the Boost Controller by setting EN/BL high.
    4. Dimming Options:
    - PWM: Apply a PWM signal (200Hz-2kHz) to the PWM pin.
    - Analog: Apply a DC voltage (0.4V-1.5V) or PWM signal to the A-DIM pin.

    5. Board Layout

    ️· Top and Bottom Layer diagrams are provided (Figure 1 & 2) showing the component placement and trace routing. These are crucial for replicating the circuit.

    6. Important Notes / Notice

    ️· Disclaimer: MPS (Monolithic Power Systems) disclaims responsibility for any infringement of third-party intellectual property when using the EVB.
    ️· Changes Without Notice: Document information is subject to change.

    1. Overview and Purpose

    ️· Product: MPS EV3378-S-00A – a combined Boost LED Controller and Buck Converter. It's designed for LED lighting applications.
    ️· Document Purpose: This document provides information about the EVB (Evaluation Board) for the EV3378, including schematic, board layout, test results, and a quick start guide.
    ️· Key Functionality:
    - Boost LED Controller: Drives LEDs in series strings (capable of 4 strings in parallel).
    - Buck Converter: Provides a regulated output voltage.

    2. Test Conditions & Setup

    ️· Standard Test Configuration:
    - VIN: 16V (Nominal)
    - LEDs: 10 white LEDs in series per string
    - Strings: 4 strings in parallel
    - Current per String: 120mA (Nominal)
    - Temperature: 25°C (TA)
    ️· Dimming Options: PWM and Analog dimming are tested.
    ️· Load conditions: Output current varied from 0A to 2A in various tests.

    3. Key Test Results

    ️· Steady-State Performance: (Waveforms shown) Demonstrates stable operation under load.
    ️· Analog Dimming: Verified functionality.
    ️· PWM Dimming: Verified functionality.
    ️· Transient Response: Demonstrated the response time for changes in output current.
    ️· Output Ripple: Evaluated the ripple voltage on the output, both at 0A and 2A.
    ️· Power-Up/Power-Down Behavior: Showed the performance during power transitions.
    ️· Short Circuit Handling: Demonstrates the circuit's behavior under fault conditions (shorted inductor, shorted diode, shorted LED string).
    ️· Open String Handling: Showed the circuit's behavior when one LED string is disconnected.

    4. Quick Start Guide – Key Steps

    1. Connect Load: Connect the LED load (10 LEDs in series, 4 strings) to the LED/LED1-4 pins. Connect load to Vout and GND for the Buck converter.
    2. Connect Power: Connect a power supply (8V-24V) to VIN and GND.
    3. Enable and Dimming: Set PWM and A-DIM to high. Enable the Boost Controller by setting EN/BL high.
    4. Dimming Options:
    - PWM: Apply a PWM signal (200Hz-2kHz) to the PWM pin.
    - Analog: Apply a DC voltage (0.4V-1.5V) or PWM signal to the A-DIM pin.

    5. Board Layout

    ️· Top and Bottom Layer diagrams are provided (Figure 1 & 2) showing the component placement and trace routing. These are crucial for replicating the circuit.

    6. Important Notes / Notice

    ️· Disclaimer: MPS (Monolithic Power Systems) disclaims responsibility for any infringement of third-party intellectual property when using the EVB.
    ️· Changes Without Notice: Document information is subject to change.

    Part No.MP3378GS
    ManufacturerMPS
    Size356 Kbytes
    Pages8 pages
    Description4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter