| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CT2016DB Datasheet
# Example questions:
➢ What are the dimensions of the recommended land pattern for surface mounting this crystal unit?
➢ What is the maximum allowable frequency deviation for this crystal unit, considering the specified frequency temperature characteristics?
➢ How does the motional series resistance (r1) change as the operating frequency increases from 19200 khz to 60000 khz?
# CT2016DB Crystal Units with Thermistor
## Features
· Crystal Unit with Thermistor
· Height 0.65 mm available
· Reference frequency for telecommunication systems
· Reflow compatible
· Ceramic package for high reliability
## Applications
· Mobile Communications
· GPS
## How to Order
CT2016DB - □□□□□□
| Parameter | Option |
|---|---|
| ① Series | |
| ② Frequency | |
| ③ Load Capacitance | B0 - 6pF, C0 - 7pF (std) |
| ④ Frequency Tolerance | F - ±10x10^-6 (std), G - ±15x10^-6 |
| ⑤ Operating Temp. Range | PF - −40 to +85°C, RH - −40 to +105°C |
| ⑥ Frequency Temp. Stability | ±10x10^-6 (at −25 to +85°C), ±12x10^-6 (at −30 to +85°C) |
| ⑦ Individual Specification |
| Item | Specification | Units | Remarks |
|---|---|---|---|
| Frequency Range (f_nom) | 19200 to 60000 | kHz | |
| Load Capacitance (CL) | 7 | pF | |
| Frequency Tolerance (f_tol) | ±10 | ×10^-6 | 25°C±3°C |
| Motional Series Resistance (R1) | See Table 1 | ohm | |
| Drive Level (DL) | 10 μW (max. 100 μW) | μW | |
| Operating Temp. Range (T_use) | −30 to +85 | °C | |
| Storage Temp. Range (T_stg) | −40 to +105 | °C | |
| Frequency Temp. Characteristics (f_tem) | ±12 | ×10^-6 | Deviation at 32°C |
| Thermistor Resistance | See Table 2 | ohm | 25°C |
| Thermistor B-Constant | See Table 3 | K | 25°C to 50°C |
| Frequency Range | Resistance |
|---|---|
| 19200 to 25999 kHz | 80 Ω max |
| 26000 to 29999 kHz | 60 Ω max |
| 30000 to 60000 kHz | 50 Ω max |
| Resistance | Specification |
|---|---|
| 100 kΩ | ±1% |
| B-Constant | Specification |
|---|---|
| 4250 K | ±1% |
# CT2016DB Crystal Units with Thermistor
## Features
· Crystal Unit with Thermistor
· Height 0.65 mm available
· Reference frequency for telecommunication systems
· Reflow compatible
· Ceramic package for high reliability
## Applications
· Mobile Communications
· GPS
## How to Order
CT2016DB - □□□□□□
| Parameter | Option |
|---|---|
| ① Series | |
| ② Frequency | |
| ③ Load Capacitance | B0 - 6pF, C0 - 7pF (std) |
| ④ Frequency Tolerance | F - ±10x10^-6 (std), G - ±15x10^-6 |
| ⑤ Operating Temp. Range | PF - −40 to +85°C, RH - −40 to +105°C |
| ⑥ Frequency Temp. Stability | ±10x10^-6 (at −25 to +85°C), ±12x10^-6 (at −30 to +85°C) |
| ⑦ Individual Specification |
| Item | Specification | Units | Remarks |
|---|---|---|---|
| Frequency Range (f_nom) | 19200 to 60000 | kHz | |
| Load Capacitance (CL) | 7 | pF | |
| Frequency Tolerance (f_tol) | ±10 | ×10^-6 | 25°C±3°C |
| Motional Series Resistance (R1) | See Table 1 | ohm | |
| Drive Level (DL) | 10 μW (max. 100 μW) | μW | |
| Operating Temp. Range (T_use) | −30 to +85 | °C | |
| Storage Temp. Range (T_stg) | −40 to +105 | °C | |
| Frequency Temp. Characteristics (f_tem) | ±12 | ×10^-6 | Deviation at 32°C |
| Thermistor Resistance | See Table 2 | ohm | 25°C |
| Thermistor B-Constant | See Table 3 | K | 25°C to 50°C |
| Frequency Range | Resistance |
|---|---|
| 19200 to 25999 kHz | 80 Ω max |
| 26000 to 29999 kHz | 60 Ω max |
| 30000 to 60000 kHz | 50 Ω max |
| Resistance | Specification |
|---|---|
| 100 kΩ | ±1% |
| B-Constant | Specification |
|---|---|
| 4250 K | ±1% |
| Part No. | CT2016DB |
| Manufacturer | KSS |
| Size | 69 Kbytes |
| Pages | 1 page |
| Description | Crystal units surface mount type |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |