| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about EMIF04-VID01C1 Datasheet
# Example questions:
➢ What type of packaging is used for the emif04-vid01c1?
➢ What is the maximum junction temperature, as specified in the absolute ratings table?
➢ What standard does the device comply with regarding esd suppression, and what voltage level is specified for air discharge?
# EMIF04-VID01C1
## 4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
MAIN APPLICATION
· LCD & camera for mobile phones
· Computers & printers
· Communication systems
· MCU boards
DESCRIPTION
· 4-line integrated array for EMI/RFI noise suppression
· Flip-Chip package
· ESD protection up to 15kV
BENEFITS
· High EMI filtering efficiency (-40dB @ 900MHz)
· Low line capacitance for high-speed data
· Low serial resistance for camera impedance
· Compact size: 1.92mm x 1.29mm
· Thin package: 0.69mm
· ESD suppression (IEC61000-4-2 Level 4)
· High reliability
COMPLIANCE
· IEC61000-4-2 (Level 4 - 15kV air / 8kV contact)
· MIL STD 883E - Method 3015-6 Class 3
ORDERING INFORMATION
| Part Number | Marking | Package | Weight | Base Qty | Delivery Mode |
|---|---|---|---|---|---|
| EMIF04-VID01C1 | GU | Flip-Chip | 3.9mg | 5000 | Tape & Reel 7" |
| Parameter | Value |
|---|---|
| Junction Temperature | 125°C |
| Operating Temperature | -40°C to +85°C |
| Storage Temperature | -55°C to +150°C |
| Parameter | Symbol | Min. | Typ. | Max. | Unit |
|---|---|---|---|---|---|
| Breakdown Voltage | VBR | 6 | 8 | 10 | V |
| Leakage Current | IRM | 500 | nA | ||
| Series Resistance | R | 80 | 100 | 120 | Ω |
| Input Capacitance | Cline | 16 | 19 | pF |
# EMIF04-VID01C1
## 4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
MAIN APPLICATION
· LCD & camera for mobile phones
· Computers & printers
· Communication systems
· MCU boards
DESCRIPTION
· 4-line integrated array for EMI/RFI noise suppression
· Flip-Chip package
· ESD protection up to 15kV
BENEFITS
· High EMI filtering efficiency (-40dB @ 900MHz)
· Low line capacitance for high-speed data
· Low serial resistance for camera impedance
· Compact size: 1.92mm x 1.29mm
· Thin package: 0.69mm
· ESD suppression (IEC61000-4-2 Level 4)
· High reliability
COMPLIANCE
· IEC61000-4-2 (Level 4 - 15kV air / 8kV contact)
· MIL STD 883E - Method 3015-6 Class 3
ORDERING INFORMATION
| Part Number | Marking | Package | Weight | Base Qty | Delivery Mode |
|---|---|---|---|---|---|
| EMIF04-VID01C1 | GU | Flip-Chip | 3.9mg | 5000 | Tape & Reel 7" |
| Parameter | Value |
|---|---|
| Junction Temperature | 125°C |
| Operating Temperature | -40°C to +85°C |
| Storage Temperature | -55°C to +150°C |
| Parameter | Symbol | Min. | Typ. | Max. | Unit |
|---|---|---|---|---|---|
| Breakdown Voltage | VBR | 6 | 8 | 10 | V |
| Leakage Current | IRM | 500 | nA | ||
| Series Resistance | R | 80 | 100 | 120 | Ω |
| Input Capacitance | Cline | 16 | 19 | pF |
| Part No. | EMIF04-VID01C1 |
| Manufacturer | STMICROELECTRONICS |
| Size | 132 Kbytes |
| Pages | 6 pages |
| Description | 4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |