| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LTC-561HR Datasheet
# Example questions:
➢ What is the digit height of the ltc-561hr display?
➢ What is the operating temperature range for the ltc-561hr display?
➢ What is the maximum forward current allowed for each segment with a 1/10 duty cycle and 0.1ms pulse width?
# LTC-561HR Seven-Segment Display
## Features
️· 0.56 inch (14.2 mm) digit height
️· Continuous uniform segments
️· Low power requirement
️· Excellent character appearance
️· High brightness & high contrast
️· Wide viewing angle
️· Solid state reliability
️· Categorized for luminous intensity
## Description
️· Triple digit seven-segment display
️· Utilizes high-efficiency red LED chips (GaAsP on GaP substrate)
️· Red face and red segments
️· Multiplex Common Anode, Rt. Hand Decimal
## Pin Connection
️· Pin 1: Cathode E
️· Pin 2: Cathode D
️· Pin 2: Cathode D.P.
️· Pin 4: Cathode C
️· Pin 5: Cathode G
️· Pin 6: No Connection
️· Pin 7: Cathode B
️· Pin 8: Common Anode, Digit 3
️· Pin 9: Common Anode, Digit 2
️· Pin 10: Cathode F
️· Pin 11: Cathode A
️· Pin 12: Common Anode, Digit 1
## Absolute Maximum Ratings (Ta=25°C)
️· Power Dissipation Per Segment: 75 mW
️· Peak Forward Current Per Segment (1/10 Duty Cycle, 0.1ms Pulse Width): 100 mA
️· Continuous Forward Current Per Segment: 25 mA
️· Derating: 0.33 mA/°C
️· Reverse Voltage Per Segment: 5 V
️· Operating Temperature Range: -35°C to +85°C
️· Storage Temperature Range: -35°C to +85°C
️· Solder Temperature: Max 260°C for max 3sec at 1.6mm below seating plane
## Electrical/Optical Characteristics (Ta=25°C)
️· Average Luminous Intensity (IV): 870 - 2400 µcd (IF=10mA)
️· Peak Emission Wavelength (λp): 635 nm (IF=20mA)
️· Spectral Line Half-Width (∆λ): 40 nm (IF=20mA)
️· Dominant Wavelength (λd): 623 nm (IF=20mA)
️· Forward Voltage Per Segment (VF): 2.0 - 2.6 V (IF=20mA)
️· Reverse Current Per Segment (IR): 100 µA (VR=5V)
️· Luminous Intensity Matching Ratio (IV-m): 2:1 (IF=10mA)
# LTC-561HR Seven-Segment Display
## Features
️· 0.56 inch (14.2 mm) digit height
️· Continuous uniform segments
️· Low power requirement
️· Excellent character appearance
️· High brightness & high contrast
️· Wide viewing angle
️· Solid state reliability
️· Categorized for luminous intensity
## Description
️· Triple digit seven-segment display
️· Utilizes high-efficiency red LED chips (GaAsP on GaP substrate)
️· Red face and red segments
️· Multiplex Common Anode, Rt. Hand Decimal
## Pin Connection
️· Pin 1: Cathode E
️· Pin 2: Cathode D
️· Pin 2: Cathode D.P.
️· Pin 4: Cathode C
️· Pin 5: Cathode G
️· Pin 6: No Connection
️· Pin 7: Cathode B
️· Pin 8: Common Anode, Digit 3
️· Pin 9: Common Anode, Digit 2
️· Pin 10: Cathode F
️· Pin 11: Cathode A
️· Pin 12: Common Anode, Digit 1
## Absolute Maximum Ratings (Ta=25°C)
️· Power Dissipation Per Segment: 75 mW
️· Peak Forward Current Per Segment (1/10 Duty Cycle, 0.1ms Pulse Width): 100 mA
️· Continuous Forward Current Per Segment: 25 mA
️· Derating: 0.33 mA/°C
️· Reverse Voltage Per Segment: 5 V
️· Operating Temperature Range: -35°C to +85°C
️· Storage Temperature Range: -35°C to +85°C
️· Solder Temperature: Max 260°C for max 3sec at 1.6mm below seating plane
## Electrical/Optical Characteristics (Ta=25°C)
️· Average Luminous Intensity (IV): 870 - 2400 µcd (IF=10mA)
️· Peak Emission Wavelength (λp): 635 nm (IF=20mA)
️· Spectral Line Half-Width (∆λ): 40 nm (IF=20mA)
️· Dominant Wavelength (λd): 623 nm (IF=20mA)
️· Forward Voltage Per Segment (VF): 2.0 - 2.6 V (IF=20mA)
️· Reverse Current Per Segment (IR): 100 µA (VR=5V)
️· Luminous Intensity Matching Ratio (IV-m): 2:1 (IF=10mA)
| Part No. | LTC-561HR |
| Manufacturer | LITEON |
| Size | 126 Kbytes |
| Pages | 7 pages |
| Description | 0.56 inch (14.22mm) DIGIT HEIGHT |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |