Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3437EFE Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LT3437EFE Datasheet

  • # Example questions: ➢ What is the minimum boost voltage required to guarantee full saturation of the internal power switch in the lt3437, according to the provided specifications?
    ➢ What are the operating junction temperature ranges guaranteed for the lt3437edd/lt3437efe and the lt3437idd/lt3437ife?
    ➢ What is the typical reference voltage (vref) of the lt3437, and over what input voltage range is this specification valid?

  • Part No.LT3437EFE
    ManufacturerLINER
    Size523 Kbytes
    Pages24 pages
    DescriptionHigh Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
    Datasheet Summary with AI

    1. General Information & Variants

    ️· Device: LT3437 (Switching Regulator)
    ️· Variants:
    - LT3437EDD (Guaranteed 0°C to 125°C junction temp.)
    - LT3437EFE (Guaranteed 0°C to 125°C junction temp.)
    - LT3437IDD (Guaranteed -40°C to 125°C junction temp.)
    - LT3437IFE (Guaranteed -40°C to 125°C junction temp.)

    2. Absolute Maximum Ratings (Not explicitly listed, but implied to exist - these are values beyond which device life may be impaired)

    3. Electrical Characteristics (Typical at T=25°C, unless otherwise noted)

    ️· Reference Voltage (VREF): 1.225V to 1.275V (typical 1.25V)
    ️· FB Input Bias Current: 50nA to 200nA
    ️· EA Voltage Gain: 900 V/V
    ️· EA Voltage gm: 650 µMho
    ️· EA Source Current: 15µA to 55µA (at FB = 2.3V)
    ️· EA Sink Current: 15µA to 55µA (at FB = 2.3V)
    ️· VC to SW gm: 1 A/V
    ️· VC Switching Threshold: 500mV
    ️· VC High Clamp: 1.5V to 2.1V
    ️· SW Current Limit (IPK): 500mA to 900mA
    ️· Switch Saturation Voltage (VCESAT): 200mV to 800mV (depending on current)
    ️· Switching Frequency: 170kHz to 140kHz
    ️· Maximum Duty Cycle: 95%
    ️· Minimum SYNC Amplitude: 1.5V and 2.0V
    ️· SYNC Frequency Range: 240 kHz to 700 kHz
    ️· SYNC Input Impedance: 50 kΩ
    ️· CSS Current Threshold: 4µA to 16µA
    ️· IBIASS (BIAS Sleep Current): 150µA to 166µA
    ️· IBIAS (BIAS Quiescent Current): 0.75mA to 1mA
    ️· Minimum Boost Voltage: 1.8V to 2.5V
    ️· Input Boost Current: 8mA to 13mA (at 250mA)
    ️· Input Boost Current: 11mA to 16mA (at 500mA)

    4. Notes & Important Considerations

    ️· Junction Temperature: The "EDD" and "EFE" variants are guaranteed for performance from 0°C to 125°C junction temperature. The "IDD" and "IFE" variants are fully tested and guaranteed over a wider -40°C to 125°C range.
    ️· Minimum Input Voltage: Defined as the voltage where switching starts, but the *actual* voltage needed for regulated output depends on output voltage and load.
    ️· Supply Current: The supply input current depends on the BIAS pin voltage. If BIAS is at 0V, all current comes from VIN. Above a certain voltage, the BIAS pin contributes.
    ️· BIAS Voltage Minimum: The minimum voltage on the BIAS pin, when current is sourced into the pin.
    ️· Boost Voltage Minimum: The minimum voltage across the boost capacitor to ensure full saturation of the power switch.
    ️· Boost Current: Current flowing into the boost pin when held above input voltage.



    Disclaimer: This is a summary based on the excerpt provided. For complete and accurate information, refer to the official LT3437 datasheet.

    1. General Information & Variants

    ️· Device: LT3437 (Switching Regulator)
    ️· Variants:
    - LT3437EDD (Guaranteed 0°C to 125°C junction temp.)
    - LT3437EFE (Guaranteed 0°C to 125°C junction temp.)
    - LT3437IDD (Guaranteed -40°C to 125°C junction temp.)
    - LT3437IFE (Guaranteed -40°C to 125°C junction temp.)

    2. Absolute Maximum Ratings (Not explicitly listed, but implied to exist - these are values beyond which device life may be impaired)

    3. Electrical Characteristics (Typical at T=25°C, unless otherwise noted)

    ️· Reference Voltage (VREF): 1.225V to 1.275V (typical 1.25V)
    ️· FB Input Bias Current: 50nA to 200nA
    ️· EA Voltage Gain: 900 V/V
    ️· EA Voltage gm: 650 µMho
    ️· EA Source Current: 15µA to 55µA (at FB = 2.3V)
    ️· EA Sink Current: 15µA to 55µA (at FB = 2.3V)
    ️· VC to SW gm: 1 A/V
    ️· VC Switching Threshold: 500mV
    ️· VC High Clamp: 1.5V to 2.1V
    ️· SW Current Limit (IPK): 500mA to 900mA
    ️· Switch Saturation Voltage (VCESAT): 200mV to 800mV (depending on current)
    ️· Switching Frequency: 170kHz to 140kHz
    ️· Maximum Duty Cycle: 95%
    ️· Minimum SYNC Amplitude: 1.5V and 2.0V
    ️· SYNC Frequency Range: 240 kHz to 700 kHz
    ️· SYNC Input Impedance: 50 kΩ
    ️· CSS Current Threshold: 4µA to 16µA
    ️· IBIASS (BIAS Sleep Current): 150µA to 166µA
    ️· IBIAS (BIAS Quiescent Current): 0.75mA to 1mA
    ️· Minimum Boost Voltage: 1.8V to 2.5V
    ️· Input Boost Current: 8mA to 13mA (at 250mA)
    ️· Input Boost Current: 11mA to 16mA (at 500mA)

    4. Notes & Important Considerations

    ️· Junction Temperature: The "EDD" and "EFE" variants are guaranteed for performance from 0°C to 125°C junction temperature. The "IDD" and "IFE" variants are fully tested and guaranteed over a wider -40°C to 125°C range.
    ️· Minimum Input Voltage: Defined as the voltage where switching starts, but the *actual* voltage needed for regulated output depends on output voltage and load.
    ️· Supply Current: The supply input current depends on the BIAS pin voltage. If BIAS is at 0V, all current comes from VIN. Above a certain voltage, the BIAS pin contributes.
    ️· BIAS Voltage Minimum: The minimum voltage on the BIAS pin, when current is sourced into the pin.
    ️· Boost Voltage Minimum: The minimum voltage across the boost capacitor to ensure full saturation of the power switch.
    ️· Boost Current: Current flowing into the boost pin when held above input voltage.



    Disclaimer: This is a summary based on the excerpt provided. For complete and accurate information, refer to the official LT3437 datasheet.

    Part No.LT3437EFE
    ManufacturerLINER
    Size523 Kbytes
    Pages24 pages
    DescriptionHigh Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current