Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25Q40CEJG
MfrGIGADEVICE
Size1Mb
Pages64 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Overview & Key Features

️· Device: GD25Q40C Flash Memory
️· Purpose: Likely a SPI flash memory device (though not explicitly stated, the terminology suggests this).
️· Key Features Highlighted:
- Status Register protection (SRP) - offering various levels of security and access control.
- Quad Mode operation - allowing for faster data transfer (controlled by the QE bit).
- Block Protection - allowing software protection of memory blocks.
- Security features - including OTP (One-Time Programmable) protection and Security Registers (details not fully elaborated).
- High Performance Mode (HPM) - potentially for speed improvements.

2. Status Register (Crucial for Control & Protection)

The Status Register is *extremely* important for controlling and protecting the flash memory. Here's a breakdown of the key bits:

️· WIP (Write In Progress): Indicates if the device is busy with a write/erase operation.
️· WEL (Write Enable Latch): Controls whether write commands are accepted. Must be set to 1 to write.
️· BP4-BP0 (Block Protect): Defines the size of a protected memory area. When set, prevents program/erase operations in that area.
️· SRP1, SRP0 (Status Register Protect): Determine the level of write protection for the Status Register itself. Multiple modes are possible:
- Software protected (default).
- Hardware protected (disabled by WP# pin).
- Hardware unprotected.
- Power Supply Lock-Down (requires power cycle to reset).
- One-Time Programmable (permanent protection – special order only).
️· QE (Quad Enable): Enables Quad mode operation (faster data transfer). Also, when clear, enables WP# and HOLD# pins.
️· LB (Lock Bit): One-time programmable bit that controls access to Security Registers. When set, Security Registers become read-only.
️· CMP (Compare): Used in conjunction with Block Protect bits for finer-grained control over memory protection.
️· HPF (High Performance Flag): Indicates the status of High Performance Mode.
️· SUS (Suspend): Set by Erase/Program Suspend command and cleared by Erase/Program Resume.
3. Protection Modes Explained
️· Software Protection: Status register can be written.
️· Hardware Protection: Requires WP# signal to be low.
️· Power Supply Lock-Down: Requires power cycle to reset.
️· One-Time Programmable: Status register is permanently locked.
4. Important Notes

️· WP# Pin: The WP# (Write Protect) pin is mentioned in the context of hardware protection, meaning its state (high or low) can control whether the Status Register can be written.
️· HOLD# Pin: This pin is also involved in command control and is related to the QE pin.
️· One-Time Programmable (OTP) Features: Some features, like the One-Time Programmable protection, are special-order only.

Overall, this document provides a detailed specification for the GD25Q40C flash memory, focusing on the control and protection mechanisms available through the Status Register. Understanding this register is crucial for proper device operation and security.
GD25Q40CEJG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25Q40CEJG Datasheet.
    Example questions: ➤ What happens when the wip bit in the status register is set to 1?➤ Explain the function of the cmp bit and how it interacts with the bp4-bp0 bits to affect memory protection.➤ What is the significance of the qe bit, and what should be considered when setting it to '1'?
  • Datasheet Details
    Part No.GD25Q40CEJG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages64 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Overview & Key Features

    ️· Device: GD25Q40C Flash Memory
    ️· Purpose: Likely a SPI flash memory device (though not explicitly stated, the terminology suggests this).
    ️· Key Features Highlighted:
    - Status Register protection (SRP) - offering various levels of security and access control.
    - Quad Mode operation - allowing for faster data transfer (controlled by the QE bit).
    - Block Protection - allowing software protection of memory blocks.
    - Security features - including OTP (One-Time Programmable) protection and Security Registers (details not fully elaborated).
    - High Performance Mode (HPM) - potentially for speed improvements.

    2. Status Register (Crucial for Control & Protection)

    The Status Register is *extremely* important for controlling and protecting the flash memory. Here's a breakdown of the key bits:

    ️· WIP (Write In Progress): Indicates if the device is busy with a write/erase operation.
    ️· WEL (Write Enable Latch): Controls whether write commands are accepted. Must be set to 1 to write.
    ️· BP4-BP0 (Block Protect): Defines the size of a protected memory area. When set, prevents program/erase operations in that area.
    ️· SRP1, SRP0 (Status Register Protect): Determine the level of write protection for the Status Register itself. Multiple modes are possible:
    - Software protected (default).
    - Hardware protected (disabled by WP# pin).
    - Hardware unprotected.
    - Power Supply Lock-Down (requires power cycle to reset).
    - One-Time Programmable (permanent protection – special order only).
    ️· QE (Quad Enable): Enables Quad mode operation (faster data transfer). Also, when clear, enables WP# and HOLD# pins.
    ️· LB (Lock Bit): One-time programmable bit that controls access to Security Registers. When set, Security Registers become read-only.
    ️· CMP (Compare): Used in conjunction with Block Protect bits for finer-grained control over memory protection.
    ️· HPF (High Performance Flag): Indicates the status of High Performance Mode.
    ️· SUS (Suspend): Set by Erase/Program Suspend command and cleared by Erase/Program Resume.
    3. Protection Modes Explained
    ️· Software Protection: Status register can be written.
    ️· Hardware Protection: Requires WP# signal to be low.
    ️· Power Supply Lock-Down: Requires power cycle to reset.
    ️· One-Time Programmable: Status register is permanently locked.
    4. Important Notes

    ️· WP# Pin: The WP# (Write Protect) pin is mentioned in the context of hardware protection, meaning its state (high or low) can control whether the Status Register can be written.
    ️· HOLD# Pin: This pin is also involved in command control and is related to the QE pin.
    ️· One-Time Programmable (OTP) Features: Some features, like the One-Time Programmable protection, are special-order only.

    Overall, this document provides a detailed specification for the GD25Q40C flash memory, focusing on the control and protection mechanisms available through the Status Register. Understanding this register is crucial for proper device operation and security.