Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25Q257DBFR
MfrGIGADEVICE
Size1Mb
Pages99 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. General Overview

️· Device Type: 32Mb Serial Flash Memory
️· Purpose: Primarily for data storage in embedded systems.
️· Key Features:
- Error Correction Codes (ECC) for data integrity (SEC/DED - Single Error Correction/Double Error Detection).
- Software and Hardware Protection Mechanisms.
- Deep Power-Down Mode for low-power operation.
- Configurable RESET functionality.

2. Data Protection Mechanisms

️· Write Enable (WREN): Must be set before any write operations (Page Program, Sector Erase, etc.).
️· Software Protection:
- Block Protect (BP0-BP3, TB bits): Define protected blocks (read-only) of memory. The specific protected area size varies based on the TB and BP bits’ configuration (see table 0 in the document).
- Write Protect (WP#): When low, further restricts write access to the protected areas.
️· Hardware Protection: The WP# pin (when asserted low) provides a hardware level of write protection.
️· Deep Power-Down Mode: Except for Release from Deep Power-Down and Software Reset, all commands are disabled.

3. Error Correction Code (ECC) Operation

️· Function: Enhances data reliability by correcting single-bit errors and detecting double-bit errors.
️· Granularity: Applied to every aligned 8-byte block of data.
️· Operation:
- Automatically performed during programming (Page Program, Quad Page Program).
- Read operations require ECC checking. The user must check the SEC and DED bits in the Extended Register.
- The ECS# pin (ECC Correction Signal) can be monitored to detect errors during read operations.

4. Reset Functionality

️· RESET# Pin: Allows the device to be reset, returning it to a known state (standby mode, volatile bits reset). Requires a minimum pulse duration (tRLRH = 1 μs).
️· Configuration: The RESET# pin can be configured via the status register (requires QE=0 and HOLD/RST=1) or is dedicated in specific packages (SOP16, TFBGA).

5. Key Tables & Configurations

️· Table 1: Block Protection Table: This table *crucially* defines the size of protected memory regions based on the status register settings (TB, BP0-BP3). *It is vital to consult this table when configuring protection.* The protected area size is dependent on the configurations. (See detailed table for specifics in the provided extract).

Important Notes & Considerations (Based on the extract):

️· 8-Byte Alignment for ECC: Ensure all data writes and reads are aligned to 8-byte boundaries when ECC is enabled.
️· Incremental Programming Restrictions: "Incremental byte/bit programming" is *not* supported when ECC is enabled.
️· Configuration Criticality: Understanding and correctly configuring the status register bits (TB, BP0-BP3, QE, HOLD/RST) is essential for proper operation and data protection.
️· Refer to complete datasheet: This document is an excerpt. Always refer to the full datasheet for complete specifications, command tables, timing diagrams, and other details.

This summary should provide a good overview of the GD25Q257D flash memory based on the provided datasheet excerpt. Let me know if you have any specific questions.
GD25Q257DBFR Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25Q257DBFR Datasheet.
    Example questions: ➤ What happens to the write enable latch bit (wel) when a page program (pp) command is executed?➤ Describe the relationship between ecc (error correction codes), 8-byte data granularity, and the ecs# pin in the gd25q257d. how does this system contribute to data integrity?➤ Explain how the hardware protection mode, specifically utilizing the wp# pin, functions to protect the memory.
  • Datasheet Details
    Part No.GD25Q257DBFR
    ManufacturerGIGADEVICE
    Size1Mb
    Pages99 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. General Overview

    ️· Device Type: 32Mb Serial Flash Memory
    ️· Purpose: Primarily for data storage in embedded systems.
    ️· Key Features:
    - Error Correction Codes (ECC) for data integrity (SEC/DED - Single Error Correction/Double Error Detection).
    - Software and Hardware Protection Mechanisms.
    - Deep Power-Down Mode for low-power operation.
    - Configurable RESET functionality.

    2. Data Protection Mechanisms

    ️· Write Enable (WREN): Must be set before any write operations (Page Program, Sector Erase, etc.).
    ️· Software Protection:
    - Block Protect (BP0-BP3, TB bits): Define protected blocks (read-only) of memory. The specific protected area size varies based on the TB and BP bits’ configuration (see table 0 in the document).
    - Write Protect (WP#): When low, further restricts write access to the protected areas.
    ️· Hardware Protection: The WP# pin (when asserted low) provides a hardware level of write protection.
    ️· Deep Power-Down Mode: Except for Release from Deep Power-Down and Software Reset, all commands are disabled.

    3. Error Correction Code (ECC) Operation

    ️· Function: Enhances data reliability by correcting single-bit errors and detecting double-bit errors.
    ️· Granularity: Applied to every aligned 8-byte block of data.
    ️· Operation:
    - Automatically performed during programming (Page Program, Quad Page Program).
    - Read operations require ECC checking. The user must check the SEC and DED bits in the Extended Register.
    - The ECS# pin (ECC Correction Signal) can be monitored to detect errors during read operations.

    4. Reset Functionality

    ️· RESET# Pin: Allows the device to be reset, returning it to a known state (standby mode, volatile bits reset). Requires a minimum pulse duration (tRLRH = 1 μs).
    ️· Configuration: The RESET# pin can be configured via the status register (requires QE=0 and HOLD/RST=1) or is dedicated in specific packages (SOP16, TFBGA).

    5. Key Tables & Configurations

    ️· Table 1: Block Protection Table: This table *crucially* defines the size of protected memory regions based on the status register settings (TB, BP0-BP3). *It is vital to consult this table when configuring protection.* The protected area size is dependent on the configurations. (See detailed table for specifics in the provided extract).

    Important Notes & Considerations (Based on the extract):

    ️· 8-Byte Alignment for ECC: Ensure all data writes and reads are aligned to 8-byte boundaries when ECC is enabled.
    ️· Incremental Programming Restrictions: "Incremental byte/bit programming" is *not* supported when ECC is enabled.
    ️· Configuration Criticality: Understanding and correctly configuring the status register bits (TB, BP0-BP3, QE, HOLD/RST) is essential for proper operation and data protection.
    ️· Refer to complete datasheet: This document is an excerpt. Always refer to the full datasheet for complete specifications, command tables, timing diagrams, and other details.

    This summary should provide a good overview of the GD25Q257D flash memory based on the provided datasheet excerpt. Let me know if you have any specific questions.