| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SMDA15C Datasheet
# Example questions:
➢ What is the maximum peak pulse power the smda15c can withstand, as specified by the 8/20µs pulse waveform test?
➢ What is the quantity of pieces per reel for the smda15c, and what is the reel size?
➢ What is the operating temperature range for the smda15c?
# SMDA15C
## Bidirectional TVS Diode Array
Features
· Ultra-low leakage (nA level)
· Operating voltage: 15V
· Low clamping voltage
· Complies with:
- IEC 61000-4-2 (ESD): ±15kV (Air), ±8kV (Contact)
- IEC61000-4-4 (EFT): 40A (5/50ns)
- IEC61000-4-5 (Lightning): 12A (8/20μs)
· RoHS Compliant
Applications
· USB 2.0 power and data line
· Set-top box and digital TV
· Digital video interface (DVI)
· Notebook Computers
· SIM Ports
· 10/100 Ethernet
## Mechanical Characteristics
· Package: SOP-08
· Lead Finish: Lead Free
· UL Flammability Classification: 94V-0
· Quantity Per Reel: 3,000pcs
· Reel Size: 13 inch
## Absolute Maximum Ratings
| Parameter | Symbol | Value | Unit |
|---|---|---|---|
| Peak Pulse Power (8/20µs) | Ppp | 500 | W |
| ESD per IEC 61000−4−2 (Air) | VESD | ±15 | kV |
| ESD per IEC 61000−4−2 (Contact) | ±8 | ||
| Operating Temperature Range | TJ | -55 to +125 | °C |
| Storage Temperature Range | TSTJ | -55 to +150 | °C |
| Parameter | Value | Unit |
|---|---|---|
| VRWM | 15 | V |
| VBR | 16.7 | V |
| IT | 1 | mA |
| VC @ 1A | 24 | |
| Vc | 30 | |
| IR (Max) | 5 | μA |
| C (Typ.) | 80 | pf |
# SMDA15C
## Bidirectional TVS Diode Array
Features
· Ultra-low leakage (nA level)
· Operating voltage: 15V
· Low clamping voltage
· Complies with:
- IEC 61000-4-2 (ESD): ±15kV (Air), ±8kV (Contact)
- IEC61000-4-4 (EFT): 40A (5/50ns)
- IEC61000-4-5 (Lightning): 12A (8/20μs)
· RoHS Compliant
Applications
· USB 2.0 power and data line
· Set-top box and digital TV
· Digital video interface (DVI)
· Notebook Computers
· SIM Ports
· 10/100 Ethernet
## Mechanical Characteristics
· Package: SOP-08
· Lead Finish: Lead Free
· UL Flammability Classification: 94V-0
· Quantity Per Reel: 3,000pcs
· Reel Size: 13 inch
## Absolute Maximum Ratings
| Parameter | Symbol | Value | Unit |
|---|---|---|---|
| Peak Pulse Power (8/20µs) | Ppp | 500 | W |
| ESD per IEC 61000−4−2 (Air) | VESD | ±15 | kV |
| ESD per IEC 61000−4−2 (Contact) | ±8 | ||
| Operating Temperature Range | TJ | -55 to +125 | °C |
| Storage Temperature Range | TSTJ | -55 to +150 | °C |
| Parameter | Value | Unit |
|---|---|---|
| VRWM | 15 | V |
| VBR | 16.7 | V |
| IT | 1 | mA |
| VC @ 1A | 24 | |
| Vc | 30 | |
| IR (Max) | 5 | μA |
| C (Typ.) | 80 | pf |
| Part No. | SMDA15C |
| Manufacturer | LEIDITECH |
| Size | 266 Kbytes |
| Pages | 3 pages |
| Description | Bidirectional TVS Diode Array |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |