Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT2157AT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PI74FCT2157AT Datasheet

  • # Example questions: ➢ What is the typical propagation delay (tplh) for the pi74fct257t device with a 50pf load?
    ➢ What is the output disable time (tpzl) for the pi74fct257t device?
    ➢ The datasheet provides switching characteristics for multiple device versions (t, at, ct). what is the difference between them in terms of the values for tplh?

  • Part No.PI74FCT2157AT
    ManufacturerPERICOM
    Size50 Kbytes
    Pages5 pages
    DescriptionFast CMOS Quad 2-Input Multiplexer
    Datasheet Summary with AI

    Okay, here's a breakdown of the provided data, summarizing the key specifications for the PI74FCT257/2257T series of multiplexers/demultiplexers. I'll organize it by category (Electrical Characteristics, Capacitance, Timing Characteristics). I'll also highlight some key values.

    1. Electrical Characteristics (Not provided in full, just referenced)

    ️· The document references standard electrical characteristics (VCC, GND, Input voltage levels, Output voltage levels, etc.).

    2. Capacitance (Not provided, just referenced)

    ️· The document references standard Capacitance for Input/Output.

    3. Timing Characteristics (Most Detailed)

    This is the bulk of the data, and focuses on how quickly the device responds to changes. Here's a summary, with typical values (from the 257T/2257T column):

    ️· Propagation Delays:
    - tPLH / tPHL (Propagation Delay Input to Output): 1.5 ns to 6.0 ns (typical 1.5 ns) for standard conditions.
    - tPLH / tPHL (Propagation Delay S to ZN): 1.5 ns to 10.5 ns (typical 1.5 ns)
    ️· Enable/Disable Times:
    - tPZH (Output Enable Time): 1.5 ns to 8.5 ns (typical 1.5 ns)
    - tPZL (Output Disable Time): 1.5 ns to 6.0 ns (typical 1.5 ns)

    ️· Note: The numbers vary depending on the specific variant (257T, 2257T, 257AT, 257CT) and test conditions (load capacitance, voltage levels).

    Key Takeaways and Observations:

    ️· High-Speed Performance: The most significant aspect of these devices is their *very fast* propagation delays (1.5-6 ns). This suggests they are designed for high-speed data transmission or signal processing.
    ️· Multiple Variants: The data shows there are different versions of the device, likely with varying speed/power tradeoffs.
    ️· Standard CMOS Logic: The device likely uses standard CMOS logic.
    ️· Enable/Disable Speed: The output enable/disable times are also fast, making the device responsive to control signals.

    In summary, this data sheet details a high-speed multiplexer/demultiplexer with fast switching speeds and multiple variants to suit different applications.

    If you can provide the full datasheet (or specific sections), I can give you a more complete and detailed analysis.

    1. Electrical Characteristics (Not provided in full, just referenced)

    ️· The document references standard electrical characteristics (VCC, GND, Input voltage levels, Output voltage levels, etc.).

    2. Capacitance (Not provided, just referenced)

    ️· The document references standard Capacitance for Input/Output.

    3. Timing Characteristics (Most Detailed)

    This is the bulk of the data, and focuses on how quickly the device responds to changes. Here's a summary, with typical values (from the 257T/2257T column):

    ️· Propagation Delays:
    - tPLH / tPHL (Propagation Delay Input to Output): 1.5 ns to 6.0 ns (typical 1.5 ns) for standard conditions.
    - tPLH / tPHL (Propagation Delay S to ZN): 1.5 ns to 10.5 ns (typical 1.5 ns)
    ️· Enable/Disable Times:
    - tPZH (Output Enable Time): 1.5 ns to 8.5 ns (typical 1.5 ns)
    - tPZL (Output Disable Time): 1.5 ns to 6.0 ns (typical 1.5 ns)
    ️· Note: The numbers vary depending on the specific variant (257T, 2257T, 257AT, 257CT) and test conditions (load capacitance, voltage levels).

    Key Takeaways and Observations:

    ️· High-Speed Performance: The most significant aspect of these devices is their *very fast* propagation delays (1.5-6 ns). This suggests they are designed for high-speed data transmission or signal processing.
    ️· Multiple Variants: The data shows there are different versions of the device, likely with varying speed/power tradeoffs.
    ️· Standard CMOS Logic: The device likely uses standard CMOS logic.
    ️· Enable/Disable Speed: The output enable/disable times are also fast, making the device responsive to control signals.

    In summary, this data sheet details a high-speed multiplexer/demultiplexer with fast switching speeds and multiple variants to suit different applications.

    Part No.PI74FCT2157AT
    ManufacturerPERICOM
    Size50 Kbytes
    Pages5 pages
    DescriptionFast CMOS Quad 2-Input Multiplexer