| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 24AA08-E/MS Datasheet
# Example questions:
➢ Outline the steps involved in performing a sequential read operation on the 24aa08. what is the key difference in signaling between a sequential read and a random read after the initial data byte is received?
➢ Explain how the write protect (wp) pin on the 24aa08 functions. how does connecting it to vcc or vss affect the device's operation, specifically regarding write operations?
➢ Describe the purpose of the sda and scl lines in the i2c communication protocol used by the 24aa08 eeprom. what type of components are typically required on these lines to ensure proper communication?
1. What it is:
️· The 24AA08/24LC08 is a 8K-bit (1K x 1) EEPROM (Electrically Erasable Programmable Read-Only Memory) designed for serial communication. It's essentially a memory chip that can be written to and read from electronically. The "LC08" part is used interchangeably with 24AA08.
2. Key Features:
️· 8K bits (1K x 1) Capacity: This defines the amount of data it can store.
️· Serial Interface: Uses the I2C (Inter-Integrated Circuit) protocol for communication. This means it uses only two wires (SDA – Data, SCL – Clock) making it easy to integrate into smaller systems.
️· Write Protect: A pin (WP) allows for partial or full memory protection from accidental writes. Tie WP to VSS for full write access or tie it to VCC to protect the memory.
️· Byte Addressing: Data is accessed byte-by-byte.
️· Fast Access Time: Generally, 5ms write cycle time
️· Low Voltage Operation: Operates from 1.7V to 5.5V
️· Hardware Write Protection: Protects against accidental writes.
️· Self-Timed Write Cycle: No external timing circuits are needed.
1. What it is:
️· The 24AA08/24LC08 is a 8K-bit (1K x 1) EEPROM (Electrically Erasable Programmable Read-Only Memory) designed for serial communication. It's essentially a memory chip that can be written to and read from electronically. The "LC08" part is used interchangeably with 24AA08.
2. Key Features:
️· 8K bits (1K x 1) Capacity: This defines the amount of data it can store.
️· Serial Interface: Uses the I2C (Inter-Integrated Circuit) protocol for communication. This means it uses only two wires (SDA – Data, SCL – Clock) making it easy to integrate into smaller systems.
️· Write Protect: A pin (WP) allows for partial or full memory protection from accidental writes. Tie WP to VSS for full write access or tie it to VCC to protect the memory.
️· Byte Addressing: Data is accessed byte-by-byte.
️· Fast Access Time: Generally, 5ms write cycle time
️· Low Voltage Operation: Operates from 1.7V to 5.5V
️· Hardware Write Protection: Protects against accidental writes.
️· Self-Timed Write Cycle: No external timing circuits are needed.
| Part No. | 24AA08-E/MS |
| Manufacturer | MICROCHIP |
| Size | 367 Kbytes |
| Pages | 26 pages |
| Description | 8K IC SERIAL EEPROM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |