Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTS800 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MTS800 Datasheet

  • # Example questions: ➢ What are the operating and storage temperature ranges for the standard and wide temperature models of the mts800 series?
    ➢ How does the drive's performance differ between sequential read/write speeds and 4k random read/write iops?
    ➢ Which certifications does this m.2 ssd have, and what is the duration of the limited warranty provided?

  • Part No.MTS800
    ManufacturerTRANSCEND
    Size245 Kbytes
    Pages2 pages
    DescriptionSATA III M.2 SSDs
    Datasheet Summary with AI

    # Transcend MTS800/MTS800I M.2 SSD

    ## Overview
    ️· SATA III 6Gb/s M.2 SSD for small form factor devices (ultrabooks, tablets).
    ️· Available in standard (0°C~70°C) and wide temperature (-40°C~85°C) models (MTS800I).
    ️· Utilizes MLC NAND flash and includes DRAM cache.

    ## Specifications
    ️· Form Factor: M.2 2280-D2-B-M (80.0mm x 22.0mm x 3.58mm)
    ️· Weight: 9g (0.32oz)
    ️· Interface: SATA III 6Gb/s
    ️· Operating Voltage: 3.3V ±5%
    ️· Operating Temperature:
    - Standard: 0°C to 70°C
    - Wide Temp: -40°C to 85°C
    ️· Shock: 1500 G, 0.5 ms, 3 axis
    ️· Vibration: 20 G (peak-to-peak), 7 Hz ~ 2000 Hz
    ️· Power Consumption:
    - Operation: 2.64W
    - Sleep: 0.41W

    ## Performance
    ️· Sequential Read: Up to 530 MB/s
    ️· Sequential Write: Up to 460 MB/s
    ️· 4K Random Read/Write: 75,000 IOPS
    ️· MTBF: 2,500,000 hours
    ️· TBW: 2,360 TB
    ️· DWPD: 2.6 (3 years)

    ## Capacities
    ️· 16GB, 32GB, 64GB, 128GB, 256GB, 512GB, 1TB

    ## Ordering Information
    ️· Standard: TS16GMTS800, TS32GMTS800, TS64GMTS800, TS128GMTS800, TS256GMTS800, TS512GMTS800, TS1TGMTS800
    ️· Wide Temp: TS16GMTS800I, TS32GMTS800I, TS64GMTS800I, TS128GMTS800I, TS256GMTS800I, TS512GMTS800I

    ## Features
    ️· Supports S.M.A.R.T., TRIM, and NCQ commands
    ️· Power-saving DevSleep mode
    ️· Compliant with RoHS 2.0 standards

    ## Warranty
    ️· Three-year limited warranty

    # Transcend MTS800/MTS800I M.2 SSD

    ## Overview
    ️· SATA III 6Gb/s M.2 SSD for small form factor devices (ultrabooks, tablets).
    ️· Available in standard (0°C~70°C) and wide temperature (-40°C~85°C) models (MTS800I).
    ️· Utilizes MLC NAND flash and includes DRAM cache.

    ## Specifications
    ️· Form Factor: M.2 2280-D2-B-M (80.0mm x 22.0mm x 3.58mm)
    ️· Weight: 9g (0.32oz)
    ️· Interface: SATA III 6Gb/s
    ️· Operating Voltage: 3.3V ±5%
    ️· Operating Temperature:
    - Standard: 0°C to 70°C
    - Wide Temp: -40°C to 85°C
    ️· Shock: 1500 G, 0.5 ms, 3 axis
    ️· Vibration: 20 G (peak-to-peak), 7 Hz ~ 2000 Hz
    ️· Power Consumption:
    - Operation: 2.64W
    - Sleep: 0.41W

    ## Performance
    ️· Sequential Read: Up to 530 MB/s
    ️· Sequential Write: Up to 460 MB/s
    ️· 4K Random Read/Write: 75,000 IOPS
    ️· MTBF: 2,500,000 hours
    ️· TBW: 2,360 TB
    ️· DWPD: 2.6 (3 years)

    ## Capacities
    ️· 16GB, 32GB, 64GB, 128GB, 256GB, 512GB, 1TB

    ## Ordering Information
    ️· Standard: TS16GMTS800, TS32GMTS800, TS64GMTS800, TS128GMTS800, TS256GMTS800, TS512GMTS800, TS1TGMTS800
    ️· Wide Temp: TS16GMTS800I, TS32GMTS800I, TS64GMTS800I, TS128GMTS800I, TS256GMTS800I, TS512GMTS800I

    ## Features
    ️· Supports S.M.A.R.T., TRIM, and NCQ commands
    ️· Power-saving DevSleep mode
    ️· Compliant with RoHS 2.0 standards

    ## Warranty
    ️· Three-year limited warranty

    Part No.MTS800
    ManufacturerTRANSCEND
    Size245 Kbytes
    Pages2 pages
    DescriptionSATA III M.2 SSDs