# LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators## Features ️· New B-Version: Improved specifications including up to 38V max rating, 2kV ESD rating, 0.37mV low input offset, 3.5nA low input bias current, 200µA/comparator low supply current, 1µsec faster response time, and tiny 2x2mm WSON package availability.
️· Drop-in Replacement: B-version can directly replace LM293, LM393 and LM2903 (A & V grades).
️· Ground-Referenced Input: Common-mode input voltage range includes ground.
️· Wide Input Range: Differential input voltage range up to maximum rated supply voltage (±38V).
️· Output Compatibility: Compatible with TTL, MOS, and CMOS logic.
## Applications ️· Vacuum Robot
️· Single Phase UPS
️· Server PSU
️· Cordless Power Tool
️· Wireless Infrastructure
️· Appliances
️· Building Automation
️· Factory Automation & Control
️· Motor Drives
️· Infotainment & Cluster
## DescriptionThe LM393B/LM2903B are next-generation versions of the industry-standard LM393/LM2903 comparators, offering improved performance for cost-sensitive applications. These devices consist of two independent voltage comparators designed to operate from a single power supply with a wide voltage range. Quiescent current is independent of supply voltage, and outputs can be wired-AND for certain configurations.
## Device Information
| Part Number |
Package |
Body Size (Nom) |
| LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V |
SOIC (8) |
4.90 mm x 3.91 mm |
| LM393B, LM293, LM293A, LM393, LM393A, LM2903 |
VSSOP (8) |
3.00 mm x 3.00 mm |
| LM293, LM393, LM393A, LM2903 |
PDIP (8) |
9.81 mm × 6.35 mm |
| LM393, LM393A, LM2903 |
SO (8) |
6.20 mm x 5.30 mm |
| LM393B, LM293, LM293A, LM393, LM2903, LM2903V |
TSSOP (8) |
3.00 mm x 4.40 mm |
| LM393B |
SOT-23 (8) |
2.90 mm x 1.60 mm |
| LM393B, LM2903B |
WSON (8) |
2.00 mm × 2.00 mm |
## Specifications (Typical) ️· Supply Voltage: 2V to 36V (B Versions up to 38V)
️· Input Offset Voltage: ±0.37 mV (B Versions)
️· Input Bias Current: 3.5 nA (B Versions)
️· Response Time: 1 µsec
️· ESD Rating: 2 kV (B Versions)