Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1592 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SB1592 Datasheet

  • Example questions: 1. What type of transistor is the 2SB1592?
    2. What is the maximum collector to emitter voltage (V CEO) for the 2SB1592?
    3. What is the typical forward current transfer ratio (hFE) for the 2SB1592?

  • Part No.2SB1592
    ManufacturerPANASONIC
    Size35 Kbytes
    Pages2 pages
    DescriptionSilicon PNP epitaxial planer type(For low-frequency amplification)
    Datasheet Summary with AI

    The 2SB1592 is a silicon PNP epitaxial planer type transistor designed for low-frequency amplification.
    It features low collector to emitter saturation voltage and can be supplied with radial taping.
    The absolute maximum ratings for the transistor include collector to base voltage of -30V, collector to emitter voltage of -25V, and emitter to base voltage of -11V.
    The electrical characteristics include a forward current transfer ratio of 90, collector to emitter saturation voltage of 0.16V, and a transition frequency of 450MHz.
    The transistor is available in a TO-92NL package and has a collector power dissipation of 150W and a junction temperature range of -55˚C to +150˚C.
    The transistor is suitable for low-frequency amplification applications.

    Datasheet Summary with AI

    The 2SB1592 is a silicon PNP epitaxial planer type transistor designed for low-frequency amplification.
    It features low collector to emitter saturation voltage and can be supplied with radial taping.
    The absolute maximum ratings for the transistor include collector to base voltage of -30V, collector to emitter voltage of -25V, and emitter to base voltage of -11V.
    The electrical characteristics include a forward current transfer ratio of 90, collector to emitter saturation voltage of 0.16V, and a transition frequency of 450MHz.
    The transistor is available in a TO-92NL package and has a collector power dissipation of 150W and a junction temperature range of -55˚C to +150˚C.
    The transistor is suitable for low-frequency amplification applications.

    Part No.2SB1592
    ManufacturerPANASONIC
    Size35 Kbytes
    Pages2 pages
    DescriptionSilicon PNP epitaxial planer type(For low-frequency amplification)