1. General Information:
️· Model: 47NLDYT
️· Type: It appears to be a digital panel meter or indicator. It likely measures and displays values from a sensor.
️· Manufacturer: M-System (a Japanese manufacturer)
️· Function: Likely used for monitoring and displaying process variables (e.g., temperature, pressure, flow, voltage, current, etc.) in industrial or commercial applications.
2. Input Signal:
️· Type: Accepts 2-wire transmitters (likely 4-20mA or 0-10V DC). This is a common signal type in industrial automation.
️· Input Range: This is not directly specified but it’s a feature to adjust this to values that your process uses.
3. Output/Display:
️· Display: Digital display. The specifics of the display (e.g., size, resolution) are not detailed.
️· Output: The presence of a "Short circuit/Overload Protection" implies there could be relay outputs or other digital outputs. Specifics are not given.
4. Power Requirements:
️· Supply Voltage: 24V DC.
5. Environmental Conditions:
️· Operating Temperature: Not detailed
️· Storage Temperature: Not detailed
6. Mechanical Specifications:
️· Dimensions: 96 x 48 x 85 mm (width x height x depth)
️· Mounting: Panel mounting.
️· Panel Cutout: 91 x 42 mm
7. Protection:
️· Short Circuit/Overload Protection: The device includes this protection to prevent damage.
8. Other Notable Features/Details:
️· Calibration: Likely includes calibration features.
️· Adjustment: Adjustable parameters are likely possible.
️· Connection: Terminal blocks.
Important Notes and What’s Missing:
️· Accuracy: The accuracy of the measurements is not stated.
️· Resolution: The display's resolution isn't specified.
️· Specific Display Values: The ranges it can display are not defined. You'd need to configure it for your specific application.
️· Communication: No mention of communication protocols (e.g., Modbus, Ethernet) for data logging or remote monitoring.
️· Detailed Wiring Diagrams: The schematic diagrams are quite complex and require a deep understanding of industrial electronics for proper interpretation.
️· User Manual: For proper installation, configuration, and use, a full user manual would be essential.