1. Overview & General Information
️· Model: 47LPQ (Manufactured by M-System, Japan)
️· Document Revision: ES-9516 Rev.14
️· Website: https://www.m-system.co.jp/
️· Function: This appears to be an industrial measurement and control device, likely for temperature, pressure, or similar process variables. It's a programmable indicator/controller. It takes an input signal, processes it, and potentially outputs control signals or alarms.
2. Key Features & Buttons (as described in the document)
️· Alarm/ Button: Confirms alarm settings and navigates setting modes. Shifts through setting items.
️· Init/ Button: Used for scaling/setting modes, shifting setting items.
️· Shift Button: Moves to setting standby and shifts display digits.
️· Up Button: Resets counter and selects setting values.
3. Physical Specifications
️· Dimensions: 95 x (3.74) mm (likely referring to the width and some other dimension - need to find the full height from the drawing)
️· Mounting: Panel thickness: 1.6 to 8.0 mm
️· Drawing: Includes top and rear view diagrams and mounting requirements.
4. Alarm Output Configurations
The device offers several alarm output options, selectable via an internal configuration. The document describes:
️· Alarm Output Code 0: No Alarm Output: This is the default configuration.
️· Alarm Output Code 1: N.O. contact, 4 points: Normally Open (N.O.) contact with 4 points.
️· Alarm Output Code 2: SPDT contact, 2 points: Single Pole Double Throw (SPDT) contact with 2 points.
5. Input and Output Connections
The document details how to connect:
️· Sensor Input: Includes connections for Excitation (1/100 input circuit).
️· Control Input: Allows external control signals to influence the device's operation.
️· Power Supply: (U(+), V(–)) – The power connection.
️· DC Output:
️· Alarm Outputs: Detailed circuit diagrams and connection instructions for each alarm output code (0, 1, and 2).
️· Input Connection Example: Relay Protection examples
6. Important Notes and Warnings
️· Circuit Diagram Explanation:
- `*` 1. To use an open collector or mechanical contact, short the indicated terminals.
- `*` 2. For detailed connection of CONTROL INPUT, refer to the operating manual (EM-9516-B).
️· Chattering Prevention: A capacitor (10000 pF) or similar device should be added to input terminals to eliminate unstable signals.
7. Unclear aspects and areas needing clarification
️· The "Col" references (Col1, Col2, etc.) throughout the circuit diagrams are unclear without a key or legend. It is probable that these correspond to terminals or points in the circuit.
️· Input Signal Type: The exact type of input signal (e.g., voltage, current, resistance) is not explicitly stated.
️· Scaling and Programming Details: The document doesn't provide details on how to scale the input signal or program the device's functionality. Refer to the operating manual (EM-9516-B) for this.
️· Full Height: The dimensions are missing some aspects, like the full height.
Important Caveats & Things I Can't Interpret Without More Context:
️· Circuit Diagram Interpretation: I have interpreted the circuit diagrams to the best of my ability, but without a full understanding of industrial electronics and the specific symbology used by M-System, there's a chance of misinterpretation.
️· Operating Manual: The document repeatedly refers to the operating manual (EM-9516-B). This manual contains *critical* information on device functionality, programming, and specific warnings that are not included in this specification sheet. You absolutely need this manual for proper operation.
️· Specific Application: The document doesn't specify the exact application for which this device is intended.