1. General Overview
️· Product: 47LAC (Industrial Process Monitor/Controller)
️· Manufacturer: M-System (https://www.m-system.co.jp/)
️· Purpose: A compact device for monitoring and controlling industrial processes. It likely measures a signal (current or voltage) and can also trigger alarms or outputs based on that signal.
️· Key Features:
- Multiple input types (current loops, voltage).
- Alarm functionality.
- Various output options (no alarm, N.O. contact, SPDT contact, DC output).
- Compact size.
- Relay protection.
2. Component Identification and Functionality (Based on Table)
️· (1) Main Display: Shows values, settings, and status.
️· (2) Alarm Indicators: Visually indicate alarm conditions.
️· (3) Function Indicators: Show status within settings modes.
️· (4) Max/Min Button: Switches the display to show maximum, minimum, or current values.
️· (5) Alarm/ Button: Confirms settings, moves between settings, and shifts through items.
️· (6) Scale/ Button: Moves to scaling settings and shifts through items.
️· (7) Shift Button: Moves to settings standby and shifts digits during settings.
️· (8) Up Button: Executes/cancels Forced Zero (a zeroing function) and selects values.
3. Input Terminal Assignments (Critical for Connection)
️· Current Loop Inputs (mA):
- A2: 0 - 2mA
- A20: 0 - 20mA
- A200: 0 - 200mA
️· Voltage Inputs (V):
- V0.1: 0 - 0.1V
- V1: 0 - 1V
- V10: 0 - 10V
4. Output Options
️· No Alarm Output: No alarm-related signals are sent.
️· N.O. Contact (Normally Open): A simple contact closure for alarms. Good for triggering external devices.
️· SPDT Contact (Single Pole Double Throw): More versatile contact closure, can be wired in different ways.
️· DC Output: Provides a DC voltage signal (specific voltage range not mentioned) that can be used for logging or control.
5. Mounting and Dimensions
️· Dimensions: 95 x 92 mm.
️· Panel Thickness: 1.6 - 8.0mm
️· Mounting screw: 10-M3, 20-M3
6. Power
️· AC Powered: Includes relay protection circuitry.
️· DC Powered: Includes relay protection circuitry.
Key Points & Important Considerations:
️· Read the Full Manual: This excerpt is just a part of the full manual. Thoroughly review the complete documentation before installation and operation.
️· Wiring: Carefully refer to the input and output terminal diagrams to ensure correct wiring. Incorrect wiring can damage the device or lead to inaccurate readings/operation.
️· Alarm Codes: Understand the alarm output codes and select the appropriate option for your application.
️· Power Requirements: Ensure the device is powered by the correct voltage (AC or DC) as specified on the device itself.
️· Relay Protection: This indicates circuitry to protect the device's internal relay from voltage spikes and other electrical disturbances.