Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.47LAC-2D0YR-R
MfrMSYSTEM
Size194 Kbytes
Pages7 pages
DescriptionDigital Panel Meters 47 Series
Datasheet SummaryAI
1. General Overview

️· Product: 47LAC (Industrial Process Monitor/Controller)
️· Manufacturer: M-System (https://www.m-system.co.jp/)
️· Purpose: A compact device for monitoring and controlling industrial processes. It likely measures a signal (current or voltage) and can also trigger alarms or outputs based on that signal.
️· Key Features:
- Multiple input types (current loops, voltage).
- Alarm functionality.
- Various output options (no alarm, N.O. contact, SPDT contact, DC output).
- Compact size.
- Relay protection.

2. Component Identification and Functionality (Based on Table)

️· (1) Main Display: Shows values, settings, and status.
️· (2) Alarm Indicators: Visually indicate alarm conditions.
️· (3) Function Indicators: Show status within settings modes.
️· (4) Max/Min Button: Switches the display to show maximum, minimum, or current values.
️· (5) Alarm/ Button: Confirms settings, moves between settings, and shifts through items.
️· (6) Scale/ Button: Moves to scaling settings and shifts through items.
️· (7) Shift Button: Moves to settings standby and shifts digits during settings.
️· (8) Up Button: Executes/cancels Forced Zero (a zeroing function) and selects values.

3. Input Terminal Assignments (Critical for Connection)

️· Current Loop Inputs (mA):
- A2: 0 - 2mA
- A20: 0 - 20mA
- A200: 0 - 200mA
️· Voltage Inputs (V):
- V0.1: 0 - 0.1V
- V1: 0 - 1V
- V10: 0 - 10V

4. Output Options

️· No Alarm Output: No alarm-related signals are sent.
️· N.O. Contact (Normally Open): A simple contact closure for alarms. Good for triggering external devices.
️· SPDT Contact (Single Pole Double Throw): More versatile contact closure, can be wired in different ways.
️· DC Output: Provides a DC voltage signal (specific voltage range not mentioned) that can be used for logging or control.

5. Mounting and Dimensions

️· Dimensions: 95 x 92 mm.
️· Panel Thickness: 1.6 - 8.0mm
️· Mounting screw: 10-M3, 20-M3

6. Power
️· AC Powered: Includes relay protection circuitry.
️· DC Powered: Includes relay protection circuitry.

Key Points & Important Considerations:

️· Read the Full Manual: This excerpt is just a part of the full manual. Thoroughly review the complete documentation before installation and operation.
️· Wiring: Carefully refer to the input and output terminal diagrams to ensure correct wiring. Incorrect wiring can damage the device or lead to inaccurate readings/operation.
️· Alarm Codes: Understand the alarm output codes and select the appropriate option for your application.
️· Power Requirements: Ensure the device is powered by the correct voltage (AC or DC) as specified on the device itself.
️· Relay Protection: This indicates circuitry to protect the device's internal relay from voltage spikes and other electrical disturbances.
47LAC-2D0YR-R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about 47LAC-2D0YR-R Datasheet.
    Example questions: ➤ What input range does the 'a20' input type support, and which terminals are used for this measurement?➤ What are the primary functions of the 'scale/ button' on the 47lac?➤ Describe the alarm output code '1' (n.o. contact, 4 points) as shown in the schematic diagrams. what does 'n.o.' stand for?
  • Datasheet Details
    Part No.47LAC-2D0YR-R
    ManufacturerMSYSTEM
    Size194 Kbytes
    Pages7 pages
    DescriptionDigital Panel Meters 47 Series
    Datasheet Summary AI Expand summary
    1. General Overview

    ️· Product: 47LAC (Industrial Process Monitor/Controller)
    ️· Manufacturer: M-System (https://www.m-system.co.jp/)
    ️· Purpose: A compact device for monitoring and controlling industrial processes. It likely measures a signal (current or voltage) and can also trigger alarms or outputs based on that signal.
    ️· Key Features:
    - Multiple input types (current loops, voltage).
    - Alarm functionality.
    - Various output options (no alarm, N.O. contact, SPDT contact, DC output).
    - Compact size.
    - Relay protection.

    2. Component Identification and Functionality (Based on Table)

    ️· (1) Main Display: Shows values, settings, and status.
    ️· (2) Alarm Indicators: Visually indicate alarm conditions.
    ️· (3) Function Indicators: Show status within settings modes.
    ️· (4) Max/Min Button: Switches the display to show maximum, minimum, or current values.
    ️· (5) Alarm/ Button: Confirms settings, moves between settings, and shifts through items.
    ️· (6) Scale/ Button: Moves to scaling settings and shifts through items.
    ️· (7) Shift Button: Moves to settings standby and shifts digits during settings.
    ️· (8) Up Button: Executes/cancels Forced Zero (a zeroing function) and selects values.

    3. Input Terminal Assignments (Critical for Connection)

    ️· Current Loop Inputs (mA):
    - A2: 0 - 2mA
    - A20: 0 - 20mA
    - A200: 0 - 200mA
    ️· Voltage Inputs (V):
    - V0.1: 0 - 0.1V
    - V1: 0 - 1V
    - V10: 0 - 10V

    4. Output Options

    ️· No Alarm Output: No alarm-related signals are sent.
    ️· N.O. Contact (Normally Open): A simple contact closure for alarms. Good for triggering external devices.
    ️· SPDT Contact (Single Pole Double Throw): More versatile contact closure, can be wired in different ways.
    ️· DC Output: Provides a DC voltage signal (specific voltage range not mentioned) that can be used for logging or control.

    5. Mounting and Dimensions

    ️· Dimensions: 95 x 92 mm.
    ️· Panel Thickness: 1.6 - 8.0mm
    ️· Mounting screw: 10-M3, 20-M3

    6. Power
    ️· AC Powered: Includes relay protection circuitry.
    ️· DC Powered: Includes relay protection circuitry.

    Key Points & Important Considerations:

    ️· Read the Full Manual: This excerpt is just a part of the full manual. Thoroughly review the complete documentation before installation and operation.
    ️· Wiring: Carefully refer to the input and output terminal diagrams to ensure correct wiring. Incorrect wiring can damage the device or lead to inaccurate readings/operation.
    ️· Alarm Codes: Understand the alarm output codes and select the appropriate option for your application.
    ️· Power Requirements: Ensure the device is powered by the correct voltage (AC or DC) as specified on the device itself.
    ️· Relay Protection: This indicates circuitry to protect the device's internal relay from voltage spikes and other electrical disturbances.