1. Overall Description:
️· Product: ES-5211 (likely an electronic device, but the exact function isn't immediately clear from the datasheet alone).
️· Revision: Rev. 7 (indicating this is a version of a product that has seen updates)
️· Focus: The document is primarily about the physical dimensions, mounting, and terminal assignments of the device.
2. Physical Dimensions & Mounting:
️· DIN Rail Mounting: The device is designed to be mounted on a DIN rail (a standard size rail used in industrial control panels).
️· Space Requirements: Importantly, the datasheet notes that "no extra space is needed between units" when mounting on the DIN rail – meaning multiple of these devices can be mounted closely together.
️· Dimensions: There are several dimensions listed using mm (and inch equivalents in parentheses) across various parts of the device (clamp, body, etc.). These provide the precise physical layout.
️· Mounting Hardware: It uses M3.5 screws to secure it to the DIN rail.
3. Terminal Assignment:
️· Multiple Terminal Blocks: The device has several terminal blocks (labeled 1 through 8, and a "REM" block), each with its own numbering.
️· Input Resistor (REM Block): There's a specific "REM" block associated with an "input resistor" (model REM). This suggests the device uses an input resistor for measurement or conditioning.
️· Terminal Functions: The specific function of each terminal (1-8, REM) isn’t fully described. However, it gives the relative numbering of the connections.
4. Electrical Information
️· Input Resistor: An input resistor is attached for current input.
️· Data Transmission: The device can transmit data at a rate of 50 (1.97) with a rate of 12 (.47).
️· Specifications Subject to Change: The last line emphasizes that specifications may change without notice.
What we *don't* know (and would require more information):
️· Functionality: The datasheet doesn't tell us *what* the ES-5211 actually *does*. It's a mounting and terminal guide, not a functional description.
️· Electrical Characteristics: There are no voltage, current, power, or frequency specifications listed.
️· Detailed Terminal Functions: We only see the numbering of the terminals, not their specific purpose (e.g., power input, signal output, etc.).
In Conclusion: