Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS275 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ICS275 Datasheet

  • # Example questions: ➢ The datasheet mentions several marking options ('i', 'l'). what do these letters signify regarding the device?
    ➢ What is the thermal resistance junction to ambient (θja) in °c/w for a device with 1 m/s airflow?
    ➢ What is the maximum absolute jitter (tja) in picoseconds?

  • Part No.ICS275
    ManufacturerICST
    Size164 Kbytes
    Pages8 pages
    DescriptionTriple PLL Field Programmable VCXO Clock Synthesizer
    Datasheet Summary with AI

    1. Device Overview:

    ️· Product: ICS275 - Triple PLL Field Programmable VCXO Clock Synthesizer. This means it's a device that generates clock signals, using three Phase-Locked Loops (PLLs) to create flexible and programmable clock outputs.
    ️· Function: Takes an input crystal oscillator signal and generates multiple, precisely timed clock signals derived from it. These outputs are programmable, allowing for a range of clock frequencies and phases.
    ️· Application: Designed for applications requiring multiple, precise, and flexible clock signals.

    2. Crystal Oscillator and PLLs:

    ️· Crystal Oscillator Input: The device works with a crystal oscillator as its primary timing reference. Specific specifications for the crystal (frequency range, load capacitance, pullability) would be detailed elsewhere in the documentation.
    ️· Triple PLL Design: The "Triple PLL" design allows for generating three independent clock outputs, each controlled by a separate PLL. This provides significant flexibility in clock distribution.
    ️· Programmability: The device is programmable, implying there are registers or interfaces to configure the PLL parameters (e.g., divider values, phase shifts) to achieve the desired output frequencies and phases.

    3. Key Technical Specifications (from Tables - Partial Summary):

    ️· Operating Temperature Range: The package has different temperature ranges specified depending on the suffix of the part number (e.g., "I" denotes industrial temp range).
    ️· Power-up Time: The PLLs take several milliseconds to lock onto the crystal oscillator and stabilize the output clocks.
    ️· Jitter Performance: Specifies the amount of timing variation (jitter) in the output clock signals. Low jitter is critical for many digital systems. One Sigma Clock Period Jitter is given, as is a Maximum Absolute Jitter.
    ️· Pin-to-Pin Skew: Indicates the difference in propagation delay between different output pins.
    ️· Thermal Characteristics: Gives the thermal resistance of the package, which is important for thermal management.

    4. Package Information:

    ️· Package Types: Available in several package types including TSSOP (Thin Shrink Small Outline Package).
    ️· Marking Diagrams: Describes the information printed on the device's top surface, including:
    - Part Number (e.g., 275PG)
    - Lot Number
    - Date Code (Year/Week)
    - Suffixes indicating package type and temperature range (I for Industrial, L for Pb-free)
    ️· Country of Origin: Indicated by marking.

    5. Important Considerations (Implied, Not Explicitly Stated):

    ️· Detailed Programming Guide: A separate programming guide or datasheet is needed to understand how to configure the PLLs and generate the desired clock outputs. This document primarily describes the device's capabilities, not *how* to use them.
    ️· Crystal Specifications: Detailed crystal specifications (frequency, load capacitance, pullability) are crucial for proper operation.
    ️· Power Supply Requirements: Voltage levels, current requirements, and sequencing are not described in this extract.
    ️· Pinout: The pin assignments (which pins are for power, crystal input, output clocks, programming interface) are not described.

    In essence, this document is a high-level overview and datasheet extract for the ICS275. It provides basic information about the device's functionality, package, and some key performance characteristics. A more detailed datasheet or application guide is required to understand how to program and use the device effectively.




    ️· Do you need help interpreting a particular specification?
    ️· Are you trying to understand a specific feature of the device?

    1. Device Overview:

    ️· Product: ICS275 - Triple PLL Field Programmable VCXO Clock Synthesizer. This means it's a device that generates clock signals, using three Phase-Locked Loops (PLLs) to create flexible and programmable clock outputs.
    ️· Function: Takes an input crystal oscillator signal and generates multiple, precisely timed clock signals derived from it. These outputs are programmable, allowing for a range of clock frequencies and phases.
    ️· Application: Designed for applications requiring multiple, precise, and flexible clock signals.

    2. Crystal Oscillator and PLLs:

    ️· Crystal Oscillator Input: The device works with a crystal oscillator as its primary timing reference. Specific specifications for the crystal (frequency range, load capacitance, pullability) would be detailed elsewhere in the documentation.
    ️· Triple PLL Design: The "Triple PLL" design allows for generating three independent clock outputs, each controlled by a separate PLL. This provides significant flexibility in clock distribution.
    ️· Programmability: The device is programmable, implying there are registers or interfaces to configure the PLL parameters (e.g., divider values, phase shifts) to achieve the desired output frequencies and phases.

    3. Key Technical Specifications (from Tables - Partial Summary):

    ️· Operating Temperature Range: The package has different temperature ranges specified depending on the suffix of the part number (e.g., "I" denotes industrial temp range).
    ️· Power-up Time: The PLLs take several milliseconds to lock onto the crystal oscillator and stabilize the output clocks.
    ️· Jitter Performance: Specifies the amount of timing variation (jitter) in the output clock signals. Low jitter is critical for many digital systems. One Sigma Clock Period Jitter is given, as is a Maximum Absolute Jitter.
    ️· Pin-to-Pin Skew: Indicates the difference in propagation delay between different output pins.
    ️· Thermal Characteristics: Gives the thermal resistance of the package, which is important for thermal management.

    4. Package Information:

    ️· Package Types: Available in several package types including TSSOP (Thin Shrink Small Outline Package).
    ️· Marking Diagrams: Describes the information printed on the device's top surface, including:
    - Part Number (e.g., 275PG)
    - Lot Number
    - Date Code (Year/Week)
    - Suffixes indicating package type and temperature range (I for Industrial, L for Pb-free)
    ️· Country of Origin: Indicated by marking.

    5. Important Considerations (Implied, Not Explicitly Stated):

    ️· Detailed Programming Guide: A separate programming guide or datasheet is needed to understand how to configure the PLLs and generate the desired clock outputs. This document primarily describes the device's capabilities, not *how* to use them.
    ️· Crystal Specifications: Detailed crystal specifications (frequency, load capacitance, pullability) are crucial for proper operation.
    ️· Power Supply Requirements: Voltage levels, current requirements, and sequencing are not described in this extract.
    ️· Pinout: The pin assignments (which pins are for power, crystal input, output clocks, programming interface) are not described.

    In essence, this document is a high-level overview and datasheet extract for the ICS275. It provides basic information about the device's functionality, package, and some key performance characteristics. A more detailed datasheet or application guide is required to understand how to program and use the device effectively.




    ️· Do you need help interpreting a particular specification?
    ️· Are you trying to understand a specific feature of the device?

    Part No.ICS275
    ManufacturerICST
    Size164 Kbytes
    Pages8 pages
    DescriptionTriple PLL Field Programmable VCXO Clock Synthesizer