Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSU100-16 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HSU100-16 Datasheet

  • # Example questions: ➢ The hsu100-4x model has several output voltages. list all the output voltages available for this model.
    ➢ What is the primary function of the 'din41612-h15 female' connector?
    ➢ Compare the weight of the hsu100 series to the hsu60 series. what is the difference in ounces?

  • Part No.HSU100-16
    ManufacturerTOTAL-POWER
    Size321 Kbytes
    Pages4 pages
    DescriptionDUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
    Datasheet Summary with AI

    # Power Supplies: HSU45, HSU60, & HSU100 Series

    ## Features
    ️· Dual Selectable AC Input (115Vac/230Vac)
    ️· 19" Compatible Eurocard Format
    ️· Meets Safety Standards (IEC950/UL1950)
    ️· EMI: CISPR Pub. 22 & FCC Class B Compliant
    ️· Available in Single, Dual, Triple, and Quad Output configurations
    ️· Models: HSU45 (45W), HSU60 (60W), HSU100 (100W)
    ️· Dimensions: Varies by model (HSU45: 6TE x 3U x 160mm, HSU60: 8TE x 3U x 160mm, HSU100: 10TE x 3U x 160mm)

    ## Input Specifications
    ️· Input Voltage: 115Vac/230Vac selectable
    ️· Input Connector: DIN 41612 (rear)
    ️· Input Frequency: 47-63Hz
    ️· Inrush Current: Typ. 25A @ 230Vac
    ️· Fuse Ratings:
    - HSU45: T2.0A/250Vac
    - HSU60: T2.5A/250Vac
    - HSU100: T3.15A/250Vac

    ## Output Specifications
    ️· Output Power: 45W (HSU45), 60W (HSU60), 100W (HSU100)
    ️· Output Connector: DIN 41612 (rear)
    ️· Line Regulation: Typ. 0.4%
    ️· Load Regulation: Main VO1: ±1.0%, Aux VO2: ±2-3.0% (PR), ±2.0% (Mag. Amp.)
    ️· Noise & Ripple: Typ. 1% peak to peak
    ️· Overvoltage Protection (OVP): Built-in (Main VO1)
    ️· Remote Sense: Available (Main VO1)
    ️· Adjustability: Available (Main output VO1 & Aux output VO2)

    ## General Specifications
    ️· Efficiency: Typ. 70-75%
    ️· Switching Frequency: Typ. 100kHz
    ️· Topology: Forward Circuit
    ️· Operating Temperature: 0 to +50°C (derate linearly to +70°C)
    ️· Storage Temperature: -20 to +85°C
    ️· Cooling: Free Air Convection
    ️· Safety Standards: IEC950/UL1950
    ️· Protection: Overload and Short Circuit Protection

    ## Signal & Connector Information
    ️· AC Input connector type: DIN 41612
    ️· Assorted Signals: Logic Inhibit, Power Fail, Remote Sense
    ️· Detailed Pin assignments available in datasheet.

    ## Output Voltage/Current Ratings
    ️· Detailed charts with available voltage/current options for each model (HSU45, HSU60, HSU100) are provided in the datasheet. Multiple configurations available for Single, Dual, Triple, and Quad outputs.

    # Power Supplies: HSU45, HSU60, & HSU100 Series

    ## Features
    ️· Dual Selectable AC Input (115Vac/230Vac)
    ️· 19" Compatible Eurocard Format
    ️· Meets Safety Standards (IEC950/UL1950)
    ️· EMI: CISPR Pub. 22 & FCC Class B Compliant
    ️· Available in Single, Dual, Triple, and Quad Output configurations
    ️· Models: HSU45 (45W), HSU60 (60W), HSU100 (100W)
    ️· Dimensions: Varies by model (HSU45: 6TE x 3U x 160mm, HSU60: 8TE x 3U x 160mm, HSU100: 10TE x 3U x 160mm)

    ## Input Specifications
    ️· Input Voltage: 115Vac/230Vac selectable
    ️· Input Connector: DIN 41612 (rear)
    ️· Input Frequency: 47-63Hz
    ️· Inrush Current: Typ. 25A @ 230Vac
    ️· Fuse Ratings:
    - HSU45: T2.0A/250Vac
    - HSU60: T2.5A/250Vac
    - HSU100: T3.15A/250Vac

    ## Output Specifications
    ️· Output Power: 45W (HSU45), 60W (HSU60), 100W (HSU100)
    ️· Output Connector: DIN 41612 (rear)
    ️· Line Regulation: Typ. 0.4%
    ️· Load Regulation: Main VO1: ±1.0%, Aux VO2: ±2-3.0% (PR), ±2.0% (Mag. Amp.)
    ️· Noise & Ripple: Typ. 1% peak to peak
    ️· Overvoltage Protection (OVP): Built-in (Main VO1)
    ️· Remote Sense: Available (Main VO1)
    ️· Adjustability: Available (Main output VO1 & Aux output VO2)

    ## General Specifications
    ️· Efficiency: Typ. 70-75%
    ️· Switching Frequency: Typ. 100kHz
    ️· Topology: Forward Circuit
    ️· Operating Temperature: 0 to +50°C (derate linearly to +70°C)
    ️· Storage Temperature: -20 to +85°C
    ️· Cooling: Free Air Convection
    ️· Safety Standards: IEC950/UL1950
    ️· Protection: Overload and Short Circuit Protection

    ## Signal & Connector Information
    ️· AC Input connector type: DIN 41612
    ️· Assorted Signals: Logic Inhibit, Power Fail, Remote Sense
    ️· Detailed Pin assignments available in datasheet.

    ## Output Voltage/Current Ratings
    ️· Detailed charts with available voltage/current options for each model (HSU45, HSU60, HSU100) are provided in the datasheet. Multiple configurations available for Single, Dual, Triple, and Quad outputs.

    Part No.HSU100-16
    ManufacturerTOTAL-POWER
    Size321 Kbytes
    Pages4 pages
    DescriptionDUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES