# 74HC393D
## Features
️· Dual Binary Counter
️· Wide operating temperature range: -40 to 125 °C (products manufactured after July 2020)
️· High speed: 72 MHz (typ.) at 5V
️· Low power dissipation: 4.0 µA (max)
️· Wide operating voltage range: 2.0 to 6.0 V
## General Characteristics
️· Absolute Maximum Ratings:
- Supply Voltage (VCC): -0.5 to 7.0 V
- Input Voltage (VIN): -0.5 to VCC + 0.5 V
- Output Voltage (VOUT): -0.5 to VCC + 0.5 V
️· Operating Ranges:
- Supply Voltage (VCC): 2.0 to 6.0 V
- Operating Temperature (Topr): -40 to 125 °C (products manufactured after July 2020)
## Electrical Characteristics (at Ta = 25 °C)
️· High-level input voltage (VIH): 1.50 V (VCC=2.0V) to 4.20V (VCC=6.0V)
️· Low-level input voltage (VIL): 0.50 V (VCC=2.0V) to 1.80V (VCC=6.0V)
️· Quiescent supply current (ICC): 4.0 µA (max)
## AC Characteristics (CL = 15 pF, VCC = 5V)
️· Output transition time (tTLH, tTHL): 4-8 ns
️· Propagation delay time (tPLH, tPHL): 12-46 ns
️· Maximum clock frequency (fMAX): 72 MHz
## Package Information
️· Package Name: SOIC14
️· Weight: 0.13 g (typ.)