Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS29 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CS29 Datasheet

  • # Example questions: ➢ What is the maximum repetitive peak reverse voltage (vrrm) that this thyristor can withstand?
    ➢ How does the case temperature (tvj) affect the maximum allowable rms on-state current (it(rms))?
    ➢ What is the typical value for the gate trigger current (igt) when vgd = 6v and tvj = 25°c?

  • Part No.CS29
    ManufacturerIXYS
    Size58 Kbytes
    Pages2 pages
    DescriptionPhase Control Thyristor
    Datasheet Summary with AI

    # ISOPLUS220 Phase Control Thyristor

    ## General Features

    ️· Electrically isolated back surface (Patent pending)
    ️· 2500V electrical isolation
    ️· Silicon chip on Direct-Copper-Bond substrate
    ️· High power dissipation
    ️· Low cathode-to-tab capacitance (15pF typical)
    ️· Planar passivated chips
    ️· Epoxy meets UL 94V-0
    ️· High-performance glass passivated chip
    ️· Long-term stability of leakage current and blocking voltage

    ## Electrical Specifications

    ️· VRSM/VRRM: 800 - 1200 V (CS 29-08io1C / CS 29-12io1C)
    ️· IT(RMS): 35 A
    ️· IT(AV)M: 23 A
    ️· ITSM: Up to 215 A (at 60Hz)
    ️· I2t: Up to 200 A·s
    ️· Isolation Voltage (VISOL): 2500V~
    ️· Operating Temperature (VJ): -40°C to +150°C
    ️· Storage Temperature (stg): -40°C to +150°C

    ## Characteristics

    ️· IR/ID: ≤ 2 mA
    ️· VT: ≤ 1.5 V (at 25°C)
    ️· VT0: 0.82 V (at 125°C)
    ️· rT: 16.5 mΩ
    ️· VGT: ≤ 1.0 V (at 25°C)
    ️· IGT: ≤ 65 mA (at 25°C)
    ️· VGD: ≤ 0.2 V
    ️· IL: ≤ 150 mA
    ️· IH: ≤ 50 mA
    ️· tgd: ≤ 2 µs

    ## Mechanical Details

    ️· Mounting Force: 11…65 / 2.4…11 N / lb
    ️· Weight: 2 g
    ️· Lead Free Solder Compatible; 260°C for 10 seconds (TL)

    ## Applications

    ️· Motor Control
    ️· Power Converter
    ️· AC Power Controller
    ️· Light and Temperature Control
    ️· Inrush Current Limiting

    ## Thermal Resistance

    ️· RthJC (DC Current): 1.2 K/W
    ️· RthCK (DC Current): 0.6 K/W

    # ISOPLUS220 Phase Control Thyristor

    ## General Features

    ️· Electrically isolated back surface (Patent pending)
    ️· 2500V electrical isolation
    ️· Silicon chip on Direct-Copper-Bond substrate
    ️· High power dissipation
    ️· Low cathode-to-tab capacitance (15pF typical)
    ️· Planar passivated chips
    ️· Epoxy meets UL 94V-0
    ️· High-performance glass passivated chip
    ️· Long-term stability of leakage current and blocking voltage

    ## Electrical Specifications

    ️· VRSM/VRRM: 800 - 1200 V (CS 29-08io1C / CS 29-12io1C)
    ️· IT(RMS): 35 A
    ️· IT(AV)M: 23 A
    ️· ITSM: Up to 215 A (at 60Hz)
    ️· I2t: Up to 200 A·s
    ️· Isolation Voltage (VISOL): 2500V~
    ️· Operating Temperature (VJ): -40°C to +150°C
    ️· Storage Temperature (stg): -40°C to +150°C

    ## Characteristics

    ️· IR/ID: ≤ 2 mA
    ️· VT: ≤ 1.5 V (at 25°C)
    ️· VT0: 0.82 V (at 125°C)
    ️· rT: 16.5 mΩ
    ️· VGT: ≤ 1.0 V (at 25°C)
    ️· IGT: ≤ 65 mA (at 25°C)
    ️· VGD: ≤ 0.2 V
    ️· IL: ≤ 150 mA
    ️· IH: ≤ 50 mA
    ️· tgd: ≤ 2 µs

    ## Mechanical Details

    ️· Mounting Force: 11…65 / 2.4…11 N / lb
    ️· Weight: 2 g
    ️· Lead Free Solder Compatible; 260°C for 10 seconds (TL)

    ## Applications

    ️· Motor Control
    ️· Power Converter
    ️· AC Power Controller
    ️· Light and Temperature Control
    ️· Inrush Current Limiting

    ## Thermal Resistance

    ️· RthJC (DC Current): 1.2 K/W
    ️· RthCK (DC Current): 0.6 K/W

    Part No.CS29
    ManufacturerIXYS
    Size58 Kbytes
    Pages2 pages
    DescriptionPhase Control Thyristor