| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CS29-08IO1C Datasheet
# Example questions:
➢ What is the maximum repetitive peak reverse voltage (vrrm) that this thyristor can withstand?
➢ How does the case temperature (tvj) affect the maximum allowable rms on-state current (it(rms))?
➢ What is the typical value for the gate trigger current (igt) when vgd = 6v and tvj = 25°c?
# ISOPLUS220 Phase Control Thyristor
## General Features
️· Electrically isolated back surface (Patent pending)
️· 2500V electrical isolation
️· Silicon chip on Direct-Copper-Bond substrate
️· High power dissipation
️· Low cathode-to-tab capacitance (15pF typical)
️· Planar passivated chips
️· Epoxy meets UL 94V-0
️· High-performance glass passivated chip
️· Long-term stability of leakage current and blocking voltage
## Electrical Specifications
️· VRSM/VRRM: 800 - 1200 V (CS 29-08io1C / CS 29-12io1C)
️· IT(RMS): 35 A
️· IT(AV)M: 23 A
️· ITSM: Up to 215 A (at 60Hz)
️· I2t: Up to 200 A·s
️· Isolation Voltage (VISOL): 2500V~
️· Operating Temperature (VJ): -40°C to +150°C
️· Storage Temperature (stg): -40°C to +150°C
## Characteristics
️· IR/ID: ≤ 2 mA
️· VT: ≤ 1.5 V (at 25°C)
️· VT0: 0.82 V (at 125°C)
️· rT: 16.5 mΩ
️· VGT: ≤ 1.0 V (at 25°C)
️· IGT: ≤ 65 mA (at 25°C)
️· VGD: ≤ 0.2 V
️· IL: ≤ 150 mA
️· IH: ≤ 50 mA
️· tgd: ≤ 2 µs
## Mechanical Details
️· Mounting Force: 11…65 / 2.4…11 N / lb
️· Weight: 2 g
️· Lead Free Solder Compatible; 260°C for 10 seconds (TL)
## Applications
️· Motor Control
️· Power Converter
️· AC Power Controller
️· Light and Temperature Control
️· Inrush Current Limiting
## Thermal Resistance
️· RthJC (DC Current): 1.2 K/W
️· RthCK (DC Current): 0.6 K/W
# ISOPLUS220 Phase Control Thyristor
## General Features
️· Electrically isolated back surface (Patent pending)
️· 2500V electrical isolation
️· Silicon chip on Direct-Copper-Bond substrate
️· High power dissipation
️· Low cathode-to-tab capacitance (15pF typical)
️· Planar passivated chips
️· Epoxy meets UL 94V-0
️· High-performance glass passivated chip
️· Long-term stability of leakage current and blocking voltage
## Electrical Specifications
️· VRSM/VRRM: 800 - 1200 V (CS 29-08io1C / CS 29-12io1C)
️· IT(RMS): 35 A
️· IT(AV)M: 23 A
️· ITSM: Up to 215 A (at 60Hz)
️· I2t: Up to 200 A·s
️· Isolation Voltage (VISOL): 2500V~
️· Operating Temperature (VJ): -40°C to +150°C
️· Storage Temperature (stg): -40°C to +150°C
## Characteristics
️· IR/ID: ≤ 2 mA
️· VT: ≤ 1.5 V (at 25°C)
️· VT0: 0.82 V (at 125°C)
️· rT: 16.5 mΩ
️· VGT: ≤ 1.0 V (at 25°C)
️· IGT: ≤ 65 mA (at 25°C)
️· VGD: ≤ 0.2 V
️· IL: ≤ 150 mA
️· IH: ≤ 50 mA
️· tgd: ≤ 2 µs
## Mechanical Details
️· Mounting Force: 11…65 / 2.4…11 N / lb
️· Weight: 2 g
️· Lead Free Solder Compatible; 260°C for 10 seconds (TL)
## Applications
️· Motor Control
️· Power Converter
️· AC Power Controller
️· Light and Temperature Control
️· Inrush Current Limiting
## Thermal Resistance
️· RthJC (DC Current): 1.2 K/W
️· RthCK (DC Current): 0.6 K/W
| Part No. | CS29-08IO1C |
| Manufacturer | IXYS |
| Size | 58 Kbytes |
| Pages | 2 pages |
| Description | Phase Control Thyristor |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |