1. Electrical Characteristics (DC)
️· Supply Voltage (VCC): Not explicitly stated, but assumed to be around 4.5V - 5.5V based on test conditions.
️· Quiescent Current (ICC): 0.75mA (max) at 5.5V, and up to 12uA change during burn-in tests.
️· Output Drive:
- Output Sink Current (IOL): 4.0 mA (min) at 4.5V
- Output Source Current (IOH): -4.0 mA (min) at 4.5V
️· Output Voltage Levels:
- VOL (Low): 0.1V (max)
- VOH (High): VCC - 0.1V
️· Input Leakage Current (IIN): ±5µA
2. AC Performance
️· Propagation Delay (TPHL/TPLH): Varies depending on the output (Q0-Q3) and temperature. At 4.5V and 25°C:
- CPn to Q0: 2ns
- CPn to Q1: 2ns
- CPn to Q2: 2ns
- CPn to Q3: 2ns
- MR to Qn: 2ns
️· Maximum Operating Frequency (FMAX): 27 MHz (at 4.5V and 25°C)
3. Capacitance
️· Power Dissipation Capacitance (CPD): 39 pF (max) at 5.0V, 1MHz
️· Input Capacitance (CIN): 10 pF (max) at 5.0V, 1MHz
4. Radiation Hardness
️· The device is tested for post-radiation performance (200k RAD).
️· Delta limits are specified in Table 5 for parameters like ICC, IOL/IOH during burn-in and operating life tests.
5. Test Conditions & Notes
️· Many AC measurements are made with specific test conditions: RL = 500Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
️· Some parameters (e.g., those in Table 3) are controlled via design/process parameters and are characterized but not directly tested.
In essence, this document provides a comprehensive datasheet outlining the electrical characteristics, AC performance, and radiation hardness of a specific integrated circuit (likely a counter or similar logic device). It’s intended for engineers designing systems that will use this component, especially in environments where radiation is a concern.