1. Document Purpose:
This document is a datasheet for a family of integrated circuit (IC) devices. Specifically, it covers the LM393, LM293, LM2903, LM2903V, and NCV2903. These are all dual comparator ICs. The datasheet provides detailed information for engineers to use these devices in their designs.
2. Devices Covered & Key Features (Implied):
️· LM393: A general-purpose dual comparator.
️· LM293: Likely a similar, or related, dual comparator.
️· LM2903: Another dual comparator, possibly with different operating characteristics.
️· LM2903V: A variant of the LM2903 (likely a different voltage supply range).
️· NCV2903: A related device, specifically qualified for automotive use.
Common features (inferred from the context of comparators):
️· Dual Comparators: Each IC contains two independent comparator circuits.
️· Comparators: These ICs compare two voltages and output a signal based on which voltage is higher.
️· Automotive Qualification: The NCV2903 is designed for automotive applications and meets relevant quality and reliability standards.
3. Package Information:
The datasheet provides detailed package dimensions and footprints for two package types:
️· PDIP-8: Plastic Dual In-line Package (8-pin) – includes dimensions and tolerances in both millimeters and inches.
️· SOIC-8: Small Outline Integrated Circuit (8-pin) – includes dimensions and tolerances in both millimeters and inches. Includes a "Soldering Footprint" drawing.
4. Key Dimensions & Tolerances:
The datasheet contains tables listing various dimensions for each package, including:
️· Overall dimensions (length, width, height)
️· Pin spacing
️· Lead dimensions
️· Package contour specifications
️· Soldering footprint details
5. Soldering Information:
️· Pb-Free: The devices are available in Pb-free (lead-free) versions.
️· Reference Manual: Engineers are directed to the ON Semiconductor "Soldering and Mounting Techniques Reference Manual" (SOLDERRM/D) for detailed soldering guidelines.
6. Datasheet Structure (Implied):
While the provided text is not the complete datasheet, it's clear that a full datasheet would include:
️· Absolute Maximum Ratings: Voltage, current, temperature limits.
️· Electrical Characteristics: Parameters like input bias current, output voltage levels, propagation delay.
️· Typical Applications Circuits: Examples of how to use the comparators.
️· Functional Diagram: A visual representation of the internal circuit.
In essence, this document is a small excerpt from a larger datasheet, focusing primarily on the physical packaging details and highlighting the availability of Pb-free options.