Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0093SMB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MASWSS0093SMB Datasheet

  • # Example questions: ➢ What are the input conditions required to turn 'on' the rfc-rf1 path?
    ➢ What package type is this component offered in, and where can you find recommendations for soldering it?
    ➢ What is the recommended method for handling this component to prevent damage, and why is it susceptible to damage?

  • Part No.MASWSS0093SMB
    ManufacturerMACOM
    Size184 Kbytes
    Pages3 pages
    DescriptionGaAs Broadband SPDT Switch DC - 6.0 GHz
    Datasheet Summary with AI

    1. General Information & Description

    ️· Type: GaAs PHEMT SPDT Switch
    ️· Function: This is a single-pole double-throw (SPDT) switch, meaning it can connect one input (RFC or RF1) to either one of two outputs (RF2 or RF1, respectively).
    ️· Applications: Likely for RF/Microwave applications requiring switching functionality.
    ️· Package: Lead-Free 3 mm x 3 mm x 2.45 mm 12-lead PQFN (Plastic Quad Flat No-Lead)

    2. Key Features

    ️· High Isolation: Provides good isolation between the switching paths.
    ️· Fast Switching Speed: Relatively fast switching times (T-rise, T-fall around 55 ns, Ton, Toff around 80ns).
    ️· Low Control Current: Requires a relatively low control current.
    ️· Broadband Performance: Operates across a wide frequency range.

    3. Electrical Characteristics (Key Values)

    ️· Control Voltage:
    - Requires a differential control voltage (+V1 - +V2) between 2.7V and 5V.
    - Single control voltages need to be between 0 and 5V.
    - 0 = 0 ± 0.2V
    - 1 = +2.9V to +5V
    ️· Insertion Loss: Typically around 0.6 - 1.4 dB at 2.4 GHz. (varies with temperature)
    ️· Isolation: High isolation values, typically well above -40 dB (lower negative values are better).
    ️· Return Loss: A measure of how well the switch is matched to the system (a value closer to zero is better).
    ️· Input P-1dB: Around 36-40 dBm (a measure of input power at which distortion begins to occur).
    ️· Harmonic Distortion: Low harmonic distortion at 2nd and 3rd harmonics.
    ️· Switching Times: T-rise/T-fall ~ 55ns, Ton/Toff ~ 80ns.
    ️· Control Current: 15-25 µA

    4. Truth Table & Control Signals

    ️· States:
    - State 1 (ON): RFC is connected to RF2.
    - State 0 (OFF): RFC is connected to RF1.
    ️· Control: The switch is controlled by two control voltage inputs, V1 and V2.

    5. Handling Procedures & Warnings

    ️· Electrostatic Discharge (ESD) Sensitivity: This is a GaAs device and *highly* susceptible to ESD damage. Proper ESD precautions *must* be followed during handling and assembly.

    6. Typical Performance Curves (Visual Summary)

    ️· Insertion Loss vs. Frequency: Shows how insertion loss changes with frequency.
    ️· Isolation vs. Frequency: Shows how isolation changes with frequency.
    ️· Return Loss vs. Frequency: Shows how well the switch is matched to the system.
    ️· Application Schematic: A block diagram illustrating how the switch can be integrated into a circuit.

    7. Important Notes

    ️· DC Blocking Capacitors: External DC blocking capacitors are *required* on all RF ports to prevent unwanted DC voltage from affecting the RF signals.
    ️· Reference Datasheet for Soldering: Refer to Application Note M538 for recommended soldering practices (specifically for lead-free soldering).

    1. General Information & Description

    ️· Type: GaAs PHEMT SPDT Switch
    ️· Function: This is a single-pole double-throw (SPDT) switch, meaning it can connect one input (RFC or RF1) to either one of two outputs (RF2 or RF1, respectively).
    ️· Applications: Likely for RF/Microwave applications requiring switching functionality.
    ️· Package: Lead-Free 3 mm x 3 mm x 2.45 mm 12-lead PQFN (Plastic Quad Flat No-Lead)

    2. Key Features

    ️· High Isolation: Provides good isolation between the switching paths.
    ️· Fast Switching Speed: Relatively fast switching times (T-rise, T-fall around 55 ns, Ton, Toff around 80ns).
    ️· Low Control Current: Requires a relatively low control current.
    ️· Broadband Performance: Operates across a wide frequency range.

    3. Electrical Characteristics (Key Values)

    ️· Control Voltage:
    - Requires a differential control voltage (+V1 - +V2) between 2.7V and 5V.
    - Single control voltages need to be between 0 and 5V.
    - 0 = 0 ± 0.2V
    - 1 = +2.9V to +5V
    ️· Insertion Loss: Typically around 0.6 - 1.4 dB at 2.4 GHz. (varies with temperature)
    ️· Isolation: High isolation values, typically well above -40 dB (lower negative values are better).
    ️· Return Loss: A measure of how well the switch is matched to the system (a value closer to zero is better).
    ️· Input P-1dB: Around 36-40 dBm (a measure of input power at which distortion begins to occur).
    ️· Harmonic Distortion: Low harmonic distortion at 2nd and 3rd harmonics.
    ️· Switching Times: T-rise/T-fall ~ 55ns, Ton/Toff ~ 80ns.
    ️· Control Current: 15-25 µA

    4. Truth Table & Control Signals

    ️· States:
    - State 1 (ON): RFC is connected to RF2.
    - State 0 (OFF): RFC is connected to RF1.
    ️· Control: The switch is controlled by two control voltage inputs, V1 and V2.

    5. Handling Procedures & Warnings

    ️· Electrostatic Discharge (ESD) Sensitivity: This is a GaAs device and *highly* susceptible to ESD damage. Proper ESD precautions *must* be followed during handling and assembly.

    6. Typical Performance Curves (Visual Summary)

    ️· Insertion Loss vs. Frequency: Shows how insertion loss changes with frequency.
    ️· Isolation vs. Frequency: Shows how isolation changes with frequency.
    ️· Return Loss vs. Frequency: Shows how well the switch is matched to the system.
    ️· Application Schematic: A block diagram illustrating how the switch can be integrated into a circuit.

    7. Important Notes

    ️· DC Blocking Capacitors: External DC blocking capacitors are *required* on all RF ports to prevent unwanted DC voltage from affecting the RF signals.
    ️· Reference Datasheet for Soldering: Refer to Application Note M538 for recommended soldering practices (specifically for lead-free soldering).

    Part No.MASWSS0093SMB
    ManufacturerMACOM
    Size184 Kbytes
    Pages3 pages
    DescriptionGaAs Broadband SPDT Switch DC - 6.0 GHz