| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BAW56WT Datasheet
# Example questions:
➢ How does the forward voltage (vf) change as the forward current (if) increases from 1ma to 150ma?
➢ What is the diode capacitance (cd) measured at 0mhz with zero reverse voltage (vr)?
➢ What is the maximum allowable operating temperature for this diode?
# BAW56WT Switching Diode
## Features
️· Power Dissipation: 200mW (Tamb = 25°C)
️· Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0
️· For Surface Mount Application
## Electrical Characteristics
️· Reverse Voltage (VR): 75V (IR = 100μA)
️· Forward Current (IF): 150mA
️· Maximum Instantaneous Forward Voltage (VF):
- 0.715V (IFM = 1mA)
- 0.855V (IFM = 10mA)
- 1.0V (IFM = 50mA)
- 1.25V (IFM = 150mA)
️· Maximum DC Reverse Current (IR): 2.5µA (VR = 75V)
️· Diode Capacitance (CD): 2pF (Measured at 1.0MHz, VR = 0V)
️· Reverse Recovery Time (Trr): 4ns (IF = IR = 10mA, Irr = 0.1IR)
## Maximum Ratings
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
## Dimensions (in inches/mm)
️· A: 0.071 - 0.087 / 1.80 - 2.20
️· B: 0.045 - 0.053 / 1.15 - 1.35
️· C: 0.079 - 0.087 / 2.00 - 2.20
️· D: 0.026 Nominal / 0.65 Nominal
️· E: 0.047 - 0.055 / 1.20 - 1.40
️· F: 0.012 - 0.016 / 0.30 - 0.40
️· G: 0.000 - 0.004 / 0.000 - 0.100
️· H: 0.035 - 0.039 / 0.90 - 1.00
️· J: 0.004 - 0.010 / 0.100 - 0.250
️· K: 0.012 - 0.016 / 0.30 - 0.40
## Marking
️· KJC
## Website & Revision
️· www.mccsemi.com
️· Revision: 2, 2006/05/13
# BAW56WT Switching Diode
## Features
️· Power Dissipation: 200mW (Tamb = 25°C)
️· Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0
️· For Surface Mount Application
## Electrical Characteristics
️· Reverse Voltage (VR): 75V (IR = 100μA)
️· Forward Current (IF): 150mA
️· Maximum Instantaneous Forward Voltage (VF):
- 0.715V (IFM = 1mA)
- 0.855V (IFM = 10mA)
- 1.0V (IFM = 50mA)
- 1.25V (IFM = 150mA)
️· Maximum DC Reverse Current (IR): 2.5µA (VR = 75V)
️· Diode Capacitance (CD): 2pF (Measured at 1.0MHz, VR = 0V)
️· Reverse Recovery Time (Trr): 4ns (IF = IR = 10mA, Irr = 0.1IR)
## Maximum Ratings
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
## Dimensions (in inches/mm)
️· A: 0.071 - 0.087 / 1.80 - 2.20
️· B: 0.045 - 0.053 / 1.15 - 1.35
️· C: 0.079 - 0.087 / 2.00 - 2.20
️· D: 0.026 Nominal / 0.65 Nominal
️· E: 0.047 - 0.055 / 1.20 - 1.40
️· F: 0.012 - 0.016 / 0.30 - 0.40
️· G: 0.000 - 0.004 / 0.000 - 0.100
️· H: 0.035 - 0.039 / 0.90 - 1.00
️· J: 0.004 - 0.010 / 0.100 - 0.250
️· K: 0.012 - 0.016 / 0.30 - 0.40
## Marking
️· KJC
## Website & Revision
️· www.mccsemi.com
️· Revision: 2, 2006/05/13
| Part No. | BAW56WT |
| Manufacturer | MCC |
| Size | 378 Kbytes |
| Pages | 2 pages |
| Description | 200mW Switching Diode |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |