Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR4004HFPTX Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SDR4004HFPTX Datasheet

  • # Example questions: ➢ Which package type, to-258 or to-259, assigns pin 1 to the cathode?
    ➢ What is the maximum average rectified forward current this rectifier can handle when the case temperature is 100°c?
    ➢ How does the instantaneous forward voltage drop change when the ambient temperature varies from -55°c to 25°c for a forward current of 20a?

  • Part No.SDR4004HFPTX
    ManufacturerSSDI
    Size167 Kbytes
    Pages2 pages
    Description40A 35nsec 400 to 600 V Hyper Fast Rectifier
    Datasheet Summary with AI

    # SDR4006HF Series

    ## Hyper Fast Rectifier

    ️· Voltage: 400 to 600 V
    ️· Current: 40 Amps
    ️· Recovery Time: 35 nsec Maximum

    ## Features

    ️· Hyper Fast Recovery
    ️· High Surge Rating
    ️· Low Reverse Leakage Current
    ️· Low Junction Capacitance
    ️· Hermetically Sealed Package
    ️· TX, TXV, and Space Level Screening Available

    ## Maximum Ratings

    ️· Peak Repetitive Reverse Voltage (VRRM): 400V, 500V, 600V (depending on model)
    ️· Average Rectified Forward Current (Io): 40 Amps @ 100°C
    ️· Peak Surge Current (IFSM): 600 Amps
    ️· Operating & Storage Temperature (TOP & TSTG): -65 to +200 °C
    ️· Thermal Resistance (RθJC): 1.2 °C/W (0.8 typ)

    ## Electrical Characteristics

    ️· Instantaneous Forward Voltage Drop (VF):
    - @ IF = 10A: 1.35 V
    - @ IF = 20A: 1.50 V
    - @ IF = 40A: 1.75 V
    ️· Reverse Leakage Current (IR):
    - @ TA = 25°C: 50 µA
    - @ TA = 100°C: 5,000 µA
    ️· Reverse Recovery Time (tRR): 35 nsec
    ️· Junction Capacitance (CJ): 80 pF

    ## Available Part Numbers

    ️· SDR4004HFN, SDR4004HFP
    ️· SDR4005HFN, SDR4005HFP
    ️· SDR4006HFN, SDR4006HFP

    ## Pin Assignment

    ️· TO-258 (N): Pin 1: Cathode, Pin 2: Anode, Pin 3: Anode
    ️· TO-259 (P): Pin 1: Cathode, Pin 2: Anode, Pin 3: Anode

    # SDR4006HF Series

    ## Hyper Fast Rectifier

    ️· Voltage: 400 to 600 V
    ️· Current: 40 Amps
    ️· Recovery Time: 35 nsec Maximum

    ## Features

    ️· Hyper Fast Recovery
    ️· High Surge Rating
    ️· Low Reverse Leakage Current
    ️· Low Junction Capacitance
    ️· Hermetically Sealed Package
    ️· TX, TXV, and Space Level Screening Available

    ## Maximum Ratings

    ️· Peak Repetitive Reverse Voltage (VRRM): 400V, 500V, 600V (depending on model)
    ️· Average Rectified Forward Current (Io): 40 Amps @ 100°C
    ️· Peak Surge Current (IFSM): 600 Amps
    ️· Operating & Storage Temperature (TOP & TSTG): -65 to +200 °C
    ️· Thermal Resistance (RθJC): 1.2 °C/W (0.8 typ)

    ## Electrical Characteristics

    ️· Instantaneous Forward Voltage Drop (VF):
    - @ IF = 10A: 1.35 V
    - @ IF = 20A: 1.50 V
    - @ IF = 40A: 1.75 V
    ️· Reverse Leakage Current (IR):
    - @ TA = 25°C: 50 µA
    - @ TA = 100°C: 5,000 µA
    ️· Reverse Recovery Time (tRR): 35 nsec
    ️· Junction Capacitance (CJ): 80 pF

    ## Available Part Numbers

    ️· SDR4004HFN, SDR4004HFP
    ️· SDR4005HFN, SDR4005HFP
    ️· SDR4006HFN, SDR4006HFP

    ## Pin Assignment

    ️· TO-258 (N): Pin 1: Cathode, Pin 2: Anode, Pin 3: Anode
    ️· TO-259 (P): Pin 1: Cathode, Pin 2: Anode, Pin 3: Anode

    Part No.SDR4004HFPTX
    ManufacturerSSDI
    Size167 Kbytes
    Pages2 pages
    Description40A 35nsec 400 to 600 V Hyper Fast Rectifier