Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBA120U Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TBA120U Datasheet

  • # Example questions: ➢ What is the maximum permissible temperature and contact time for soldering this ic using wave soldering?
    ➢ What type of customers assume full liability when using these products in life support applications?
    ➢ What is the order code for the 'ic package databook' that provides more in-depth soldering information?

  • Part No.TBA120U
    ManufacturerPHILIPS
    Size93 Kbytes
    Pages9 pages
    DescriptionSound I.F. amplifier/demodulator for TV
    Datasheet Summary with AI

    Okay, here's a summary of the provided document, broken down into key sections and points:

    1. Device Overview: TBA120U Sound IF Amplifier/Demodulator

    ️· This document is a datasheet for the Philips/NXP TBA120U, an integrated circuit used for intermediate frequency (IF) amplification and demodulation in sound/audio applications (likely FM/AM radio).

    2. Key Electrical Characteristics & Performance:

    ️· The datasheet details various electrical parameters like gain, distortion, operating voltages, and current consumption.
    ️· Performance graphs illustrate how characteristics like output voltage and distortion change with input signal levels and operating conditions.
    ️· It includes example application circuits to aid in designing systems using the TBA120U.

    3. Package Information:

    ️· Package Type: DIP14 (Dual In-line Package, 14 pins) with 300 mil spacing. The datasheet includes detailed mechanical dimensions and a package outline drawing (SOT27-1).
    ️· Pinout: The datasheet would include a pinout diagram identifying the function of each of the 14 pins (not fully shown in the text, but referenced).

    4. Soldering Information:

    ️· Wave/Dip Soldering: Maximum solder temperature 260°C, with a maximum contact time of 5 seconds. It notes the importance of temperature control to avoid damage to the plastic package.

    ️· Rework/Repair: Low-voltage soldering iron (<24V) is recommended for repair. Contact time depends on the iron's tip temperature (up to 10 seconds at <300°C, or up to 5 seconds at 300-400°C).

    5. Important Notes & Definitions:

    ️· Data Sheet Status: The document defines the different types of data sheets (Objective, Preliminary, Product) and what each means.
    ️· Limiting Values: It clarifies that exceeding the absolute maximum ratings can cause permanent damage.
    ️· Application Information: Any application examples provided are advisory only and don't constitute a guarantee of performance.
    ️· Life Support Applications: Philips explicitly states that the device is *not* intended for use in life-critical applications.

    6. Key takeaways:

    ️· The datasheet provides comprehensive information necessary for engineers to design and implement circuits using the TBA120U.
    ️· It emphasizes proper soldering techniques to ensure reliability.
    ️· It includes important disclaimers regarding data sheet status, limiting values, and life support applications.

    Let me know if you'd like a deeper dive into any specific aspect of the document.

    1. Device Overview: TBA120U Sound IF Amplifier/Demodulator

    ️· This document is a datasheet for the Philips/NXP TBA120U, an integrated circuit used for intermediate frequency (IF) amplification and demodulation in sound/audio applications (likely FM/AM radio).

    2. Key Electrical Characteristics & Performance:

    ️· The datasheet details various electrical parameters like gain, distortion, operating voltages, and current consumption.
    ️· Performance graphs illustrate how characteristics like output voltage and distortion change with input signal levels and operating conditions.
    ️· It includes example application circuits to aid in designing systems using the TBA120U.

    3. Package Information:

    ️· Package Type: DIP14 (Dual In-line Package, 14 pins) with 300 mil spacing. The datasheet includes detailed mechanical dimensions and a package outline drawing (SOT27-1).
    ️· Pinout: The datasheet would include a pinout diagram identifying the function of each of the 14 pins (not fully shown in the text, but referenced).

    4. Soldering Information:

    ️· Wave/Dip Soldering: Maximum solder temperature 260°C, with a maximum contact time of 5 seconds. It notes the importance of temperature control to avoid damage to the plastic package.
    ️· Rework/Repair: Low-voltage soldering iron (<24V) is recommended for repair. Contact time depends on the iron's tip temperature (up to 10 seconds at <300°C, or up to 5 seconds at 300-400°C).

    5. Important Notes & Definitions:

    ️· Data Sheet Status: The document defines the different types of data sheets (Objective, Preliminary, Product) and what each means.
    ️· Limiting Values: It clarifies that exceeding the absolute maximum ratings can cause permanent damage.
    ️· Application Information: Any application examples provided are advisory only and don't constitute a guarantee of performance.
    ️· Life Support Applications: Philips explicitly states that the device is *not* intended for use in life-critical applications.

    6. Key takeaways:

    ️· The datasheet provides comprehensive information necessary for engineers to design and implement circuits using the TBA120U.
    ️· It emphasizes proper soldering techniques to ensure reliability.
    ️· It includes important disclaimers regarding data sheet status, limiting values, and life support applications.

    Part No.TBA120U
    ManufacturerPHILIPS
    Size93 Kbytes
    Pages9 pages
    DescriptionSound I.F. amplifier/demodulator for TV