Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC21A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 24LC21A Datasheet

  • # Example questions: ➢ Describe how acknowledge polling can be used to maximize bus throughput when writing data to the 24lc21a. what steps are involved?
    ➢ Explain the difference between the transmit-only mode and the bidirectional mode of the 24lc21a, and what function vclk serves in each mode.
    ➢ What is the purpose of the schmitt trigger and filter circuits on the sda, scl, and vclk inputs, and how do they improve the reliability of the 24lc21a?

  • Part No.24LC21A
    ManufacturerMICROCHIP
    Size239 Kbytes
    Pages18 pages
    Description1K 2.5V Dual Mode I 2 C Serial EEPROM
    Datasheet Summary with AI

    This is an incredibly detailed datasheet for the Microchip 24LC21A serial EEPROM. Here's a breakdown of the key information, summarizing the device's functionality, modes of operation, and important technical details.

    1. Device Overview:

    ️· The 24LC21A is a serial EEPROM (Electrically Erasable Programmable Read-Only Memory) designed for two primary modes of operation:
    - Transmit-Only Mode (DDC1): Functions as a standard serial ROM, primarily used for communication protocols like Display Data Channel (DDC1). Data is read sequentially, and no writing is possible.
    - Bidirectional Mode: Offers enhanced functionality, allowing both reading and writing to the EEPROM. This mode is crucial for applications needing dynamic data storage and updates. The VCLK pin controls write enabling.

    2. Key Features & Functionality:

    ️· Dual Mode Operation: Seamless transition between transmit-only and bidirectional modes.
    ️· Write Protection: VCLK pin acts as a write-protect control – high level enables writing, low level disables it.
    ️· Acknowledge Polling: Allows checking write operation completion status.
    ️· Noise Protection: Schmitt triggers and filters on input pins (SDA, SCL, VCLK) to ensure robust operation in noisy environments.
    ️· Various Read Operations:
    - Current Address Read: Reads data from the address of the previous operation.
    - Random Read: Reads data from a specified memory address.
    - Sequential Read: Allows reading the entire memory contents sequentially.
    ️· Standard I2C Interface: Compliant with the I2C protocol.

    3. Pin Descriptions:

    ️· SDA (Serial Data): Transmits data in/out. Requires a pull-up resistor. Used for both read and write operations in bidirectional mode.
    ️· SCL (Serial Clock): Clock signal for data transfer. Controls timing in both modes.
    ️· VCLK (Video Clock): Clock for the transmit-only mode. Also controls write enable in bidirectional mode. When high, the chip operates in Transmit-Only Mode. Low level disables write access.

    4. Modes of Operation - Detailed:

    ️· Transmit-Only Mode (DDC1): Data is read out sequentially, controlled by the rising edge of the VCLK signal.
    ️· Bidirectional Mode:
    - Switching: Switching between modes is achieved by manipulating the state of the VCLK pin.
    - Writing: Enabled only when VCLK is high.
    - Reading: Enabled when VCLK is high and functionality of the SDA pin is switched to data transfer.

    5. Addressing and Read/Write Commands

    *The document refers to specific bit patterns and addresses for controlling the device, particularly for initiating read and write operations.* These are essential for interacting with the EEPROM programmatically.
    Important Considerations & Summary:

    ️· Pull-up Resistors: Crucial for proper SDA line operation.
    ️· VCLK Control: Determines mode and write access.
    ️· Data Sheet Revision: Always check the revision number to ensure you're using the latest documentation.



    This datasheet provides a complete guide to understanding and utilizing the 24LC21A serial EEPROM. Its versatility and ability to operate in both transmit-only and bidirectional modes make it suitable for various embedded system applications.

    This is an incredibly detailed datasheet for the Microchip 24LC21A serial EEPROM. Here's a breakdown of the key information, summarizing the device's functionality, modes of operation, and important technical details.

    1. Device Overview:

    ️· The 24LC21A is a serial EEPROM (Electrically Erasable Programmable Read-Only Memory) designed for two primary modes of operation:
    - Transmit-Only Mode (DDC1): Functions as a standard serial ROM, primarily used for communication protocols like Display Data Channel (DDC1). Data is read sequentially, and no writing is possible.
    - Bidirectional Mode: Offers enhanced functionality, allowing both reading and writing to the EEPROM. This mode is crucial for applications needing dynamic data storage and updates. The VCLK pin controls write enabling.

    2. Key Features & Functionality:

    ️· Dual Mode Operation: Seamless transition between transmit-only and bidirectional modes.
    ️· Write Protection: VCLK pin acts as a write-protect control – high level enables writing, low level disables it.
    ️· Acknowledge Polling: Allows checking write operation completion status.
    ️· Noise Protection: Schmitt triggers and filters on input pins (SDA, SCL, VCLK) to ensure robust operation in noisy environments.
    ️· Various Read Operations:
    - Current Address Read: Reads data from the address of the previous operation.
    - Random Read: Reads data from a specified memory address.
    - Sequential Read: Allows reading the entire memory contents sequentially.
    ️· Standard I2C Interface: Compliant with the I2C protocol.

    3. Pin Descriptions:

    ️· SDA (Serial Data): Transmits data in/out. Requires a pull-up resistor. Used for both read and write operations in bidirectional mode.
    ️· SCL (Serial Clock): Clock signal for data transfer. Controls timing in both modes.
    ️· VCLK (Video Clock): Clock for the transmit-only mode. Also controls write enable in bidirectional mode. When high, the chip operates in Transmit-Only Mode. Low level disables write access.

    4. Modes of Operation - Detailed:

    ️· Transmit-Only Mode (DDC1): Data is read out sequentially, controlled by the rising edge of the VCLK signal.
    ️· Bidirectional Mode:
    - Switching: Switching between modes is achieved by manipulating the state of the VCLK pin.
    - Writing: Enabled only when VCLK is high.
    - Reading: Enabled when VCLK is high and functionality of the SDA pin is switched to data transfer.

    5. Addressing and Read/Write Commands

    *The document refers to specific bit patterns and addresses for controlling the device, particularly for initiating read and write operations.* These are essential for interacting with the EEPROM programmatically.
    Important Considerations & Summary:

    ️· Pull-up Resistors: Crucial for proper SDA line operation.
    ️· VCLK Control: Determines mode and write access.
    ️· Data Sheet Revision: Always check the revision number to ensure you're using the latest documentation.



    This datasheet provides a complete guide to understanding and utilizing the 24LC21A serial EEPROM. Its versatility and ability to operate in both transmit-only and bidirectional modes make it suitable for various embedded system applications.

    Part No.24LC21A
    ManufacturerMICROCHIP
    Size239 Kbytes
    Pages18 pages
    Description1K 2.5V Dual Mode I 2 C Serial EEPROM