Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31DF4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 31DF4 Datasheet

  • # Example questions: ➢ What is the typical thermal resistance from junction to ambient for both the 31df4 and 31df6?
    ➢ What is the maximum dc reverse current at a junction temperature of 25°c for the 31df4, given a rated dc blocking voltage?
    ➢ What is the maximum average forward rectified current for the 31df6 at a lead length of .375 inches and a junction temperature of 109°c?

  • Part No.31DF4
    ManufacturerTSC
    Size62 Kbytes
    Pages2 pages
    Description3.0 AMPS. Ultra Fast Recovery Rectifiers
    Datasheet Summary with AI

    # Ultra Fast Recovery Rectifiers (31DF4 THRU 31DF6)

    ## Electrical Characteristics
    ️· Voltage Range: 400 to 600 Volts
    ️· Current: 3.0 Amperes
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 400V (31DF4), 600V (31DF6)
    ️· Maximum Average Forward Rectified Current: 1.2A / 3.0A
    ️· Peak Forward Surge Current (IFSM): 45A
    ️· Maximum Instantaneous Forward Voltage (VF): 1.7V @ 3.0A
    ️· Maximum DC Reverse Current (IR): 20uA
    ️· Maximum Reverse Recovery Time (Trr): 35nS

    ## Features
    ️· Low forward voltage drop
    ️· Low power loss, high efficiency
    ️· High current capability
    ️· High reliability
    ️· High surge current capability

    ## Mechanical Data

    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-O rate flame retardant
    ️· Leads: Axial, solderable per MIL-STD-202
    ️· Polarity: Color band denotes cathode
    ️· Soldering: 260°C/10 seconds, .375” lead length
    ️· Weight: 1.2 grams

    ## Thermal Characteristics
    ️· Thermal Resistance (RθJA): 80 °C/W
    ️· Operating Temperature (TJ): -40 to +150 °C
    ️· Storage Temperature (TSTG): -40 to +150 °C

    # Ultra Fast Recovery Rectifiers (31DF4 THRU 31DF6)

    ## Electrical Characteristics
    ️· Voltage Range: 400 to 600 Volts
    ️· Current: 3.0 Amperes
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 400V (31DF4), 600V (31DF6)
    ️· Maximum Average Forward Rectified Current: 1.2A / 3.0A
    ️· Peak Forward Surge Current (IFSM): 45A
    ️· Maximum Instantaneous Forward Voltage (VF): 1.7V @ 3.0A
    ️· Maximum DC Reverse Current (IR): 20uA
    ️· Maximum Reverse Recovery Time (Trr): 35nS

    ## Features
    ️· Low forward voltage drop
    ️· Low power loss, high efficiency
    ️· High current capability
    ️· High reliability
    ️· High surge current capability

    ## Mechanical Data
    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-O rate flame retardant
    ️· Leads: Axial, solderable per MIL-STD-202
    ️· Polarity: Color band denotes cathode
    ️· Soldering: 260°C/10 seconds, .375” lead length
    ️· Weight: 1.2 grams

    ## Thermal Characteristics
    ️· Thermal Resistance (RθJA): 80 °C/W
    ️· Operating Temperature (TJ): -40 to +150 °C
    ️· Storage Temperature (TSTG): -40 to +150 °C

    Part No.31DF4
    ManufacturerTSC
    Size62 Kbytes
    Pages2 pages
    Description3.0 AMPS. Ultra Fast Recovery Rectifiers