| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 31DF4 Datasheet
# Example questions:
➢ What is the maximum allowable surge current for both the 31df4 and 31df6 rectifiers, and under what test conditions is this rating specified?
➢ How does the average forward rectified current change for the 31df4 and 31df6 when the lead length is 109 mm compared to 9.5mm?
➢ What is the typical junction to ambient thermal resistance for both the 31df4 and 31df6, and what lead length is this value specified for?
# 31DF4 - 31DF6 Super Fast Rectifiers
## Features
️· High efficiency, Low VF
️· High current capability
️· High reliability
️· High surge current capability
️· Low power loss
## Mechanical Data
️· Case: Molded plastic
️· Epoxy: UL 94V-0 rated flame retardant
️· Lead: Pure tin plated, lead-free, solderable
️· Polarity: Color band denotes cathode
️· High temperature soldering: 260°C/10s/.375” leads at 5lbs tension
️· Weight: 1.2 grams
## Maximum Ratings & Electrical Characteristics (at 25°C unless specified)
️· VRRM: 400V (31DF4) / 600V (31DF6)
️· VRMS: 280V (31DF4) / 420V (31DF6)
️· VDC: 400V (31DF4) / 600V (31DF6)
️· I(AV): 1.2A / 3.0A (@ 29°C) and 1.2A / 3.0A (@ 109°C)
️· IFSM: 45A
️· VF: 1.7V @ 3.0A
️· IR: 20µA @ 25°C / 100µA @ 125°C
️· Trr: 35ns
️· RθJA: 80°C/W
️· TJ: -40 to +150°C
️· TSTG: -40 to +150°C
## Notes
️· Ratings based on .375” lead length
️· Derate current by 20% for capacitive loads.
️· Thermal resistance measured with .375” lead length.
️· Reverse recovery test conditions: Ta = 25°C, IFM=3A, di/dt = 50A/µs.
# 31DF4 - 31DF6 Super Fast Rectifiers
## Features
️· High efficiency, Low VF
️· High current capability
️· High reliability
️· High surge current capability
️· Low power loss
## Mechanical Data
️· Case: Molded plastic
️· Epoxy: UL 94V-0 rated flame retardant
️· Lead: Pure tin plated, lead-free, solderable
️· Polarity: Color band denotes cathode
️· High temperature soldering: 260°C/10s/.375” leads at 5lbs tension
️· Weight: 1.2 grams
## Maximum Ratings & Electrical Characteristics (at 25°C unless specified)
️· VRRM: 400V (31DF4) / 600V (31DF6)
️· VRMS: 280V (31DF4) / 420V (31DF6)
️· VDC: 400V (31DF4) / 600V (31DF6)
️· I(AV): 1.2A / 3.0A (@ 29°C) and 1.2A / 3.0A (@ 109°C)
️· IFSM: 45A
️· VF: 1.7V @ 3.0A
️· IR: 20µA @ 25°C / 100µA @ 125°C
️· Trr: 35ns
️· RθJA: 80°C/W
️· TJ: -40 to +150°C
️· TSTG: -40 to +150°C
## Notes
️· Ratings based on .375” lead length
️· Derate current by 20% for capacitive loads.
️· Thermal resistance measured with .375” lead length.
️· Reverse recovery test conditions: Ta = 25°C, IFM=3A, di/dt = 50A/µs.
| Part No. | 31DF4 |
| Manufacturer | TSC |
| Size | 271 Kbytes |
| Pages | 2 pages |
| Description | 3.0 AMPS. Super Fast Rectifiers |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |