Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR601 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FR601 Datasheet

  • # Example questions: ➢ What test conditions are used for the reverse recovery time test, as described in the 'notes' section of the datasheet?
    ➢ What is the maximum average forward rectified current for the fr601 diode, assuming a lead length of 0.375' (9.5mm) and an ambient temperature of 55°c?
    ➢ What are the typical junction capacitance and thermal resistance values for all the listed diodes?

  • Part No.FR601
    ManufacturerTSC
    Size69 Kbytes
    Pages2 pages
    Description6.0 AMPS. Fast Recovery Rectifiers
    Datasheet Summary with AI

    # FR601 THRU FR607 Fast Recovery Rectifiers

    ## Features
    ️· Low forward voltage drop
    ️· High current capability (6.0 Amperes)
    ️· High reliability
    ️· High surge current capability (200A)

    ## Mechanical Data
    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-0 rated flame retardant
    ️· Leads: Axial, solderable (MIL-STD-202 Method 208)
    ️· Polarity: Color band denotes cathode
    ️· High-temperature soldering: 260°C/10s/.375” lead lengths at 5lbs tension
    ️· Weight: 1.65 grams

    ## Electrical Characteristics (Values vary by model - FR601 to FR607)
    ️· Voltage Range: VRRM: 50V - 1000V, VRMS: 35V - 700V, VDC: 50V - 1000V
    ️· Current: I(AV): 6.0A
    ️· Surge Current: IFSM: 200A

    ️· Forward Voltage: VF: 1.2V @ 6.0A
    ️· Reverse Current: IR: 10-200 μA (values at 25°C & 100°C)
    ️· Reverse Recovery Time: Trr: 150-500 nS
    ️· Junction Capacitance: Cj: 80 pF
    ️· Thermal Resistance: RθJA: 30 °C/W
    ️· Operating Temperature: -65 to +150°C
    ️· Storage Temperature: -65 to +150°C

    ## Notes
    ️· Reverse Recovery Test: IF=0.5A, IR=1.0A, IRR=0.25A
    ️· Measured at 1 MHz, 4.0V DC reverse voltage.
    ️· Mount on 16mm x 16mm copper pad PCB.

    # FR601 THRU FR607 Fast Recovery Rectifiers

    ## Features
    ️· Low forward voltage drop
    ️· High current capability (6.0 Amperes)
    ️· High reliability
    ️· High surge current capability (200A)

    ## Mechanical Data
    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-0 rated flame retardant
    ️· Leads: Axial, solderable (MIL-STD-202 Method 208)
    ️· Polarity: Color band denotes cathode
    ️· High-temperature soldering: 260°C/10s/.375” lead lengths at 5lbs tension
    ️· Weight: 1.65 grams

    ## Electrical Characteristics (Values vary by model - FR601 to FR607)
    ️· Voltage Range: VRRM: 50V - 1000V, VRMS: 35V - 700V, VDC: 50V - 1000V
    ️· Current: I(AV): 6.0A
    ️· Surge Current: IFSM: 200A
    ️· Forward Voltage: VF: 1.2V @ 6.0A
    ️· Reverse Current: IR: 10-200 μA (values at 25°C & 100°C)
    ️· Reverse Recovery Time: Trr: 150-500 nS
    ️· Junction Capacitance: Cj: 80 pF
    ️· Thermal Resistance: RθJA: 30 °C/W
    ️· Operating Temperature: -65 to +150°C
    ️· Storage Temperature: -65 to +150°C

    ## Notes
    ️· Reverse Recovery Test: IF=0.5A, IR=1.0A, IRR=0.25A
    ️· Measured at 1 MHz, 4.0V DC reverse voltage.
    ️· Mount on 16mm x 16mm copper pad PCB.

    Part No.FR601
    ManufacturerTSC
    Size69 Kbytes
    Pages2 pages
    Description6.0 AMPS. Fast Recovery Rectifiers