Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMXW345 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TMXW345 Datasheet

  • # Example questions: ➢ What is the typical insertion loss at a center frequency of 480 mhz?
    ➢ How many saw filters are contained within a single tube for packaging?
    ➢ What are the acceptable operating and storage temperature ranges for this filter?

  • Part No.TMXW345
    ManufacturerTEMEX
    Size274 Kbytes
    Pages5 pages
    DescriptionSAW Bandpass Filter - Satellite Receiver - IF
    Datasheet Summary with AI

    # TMX W345 SAW Bandpass Filter

    ## Features
    ️· IF Filter
    ️· Constant Group Delay
    ️· 36.2 MHz usable Passband
    ️· 50 Ω Single Configuration
    ️· TO39 Package

    ## Package & Dimensions
    ️· Pin Configuration: Input (1 or 2), Output (2 or 1), Case Ground (3)
    ️· Dimensions (mm):
    - A: 9.35 ± 0.1
    - B: 5.08 ± 0.1
    - C: 3.40 ± 0.1
    - D: 3.00 ± 0.2
    - E: 0.45 ± 0.2

    ## Technical Characteristics (at +25°C)
    ️· Source Impedance: 50 Ω
    ️· Load Impedance: 50 Ω
    ️· Center Frequency (fo): 480 MHz (Range: 479-481 MHz)
    ️· Bandwidth (-3 dB): 36.2 MHz
    ️· Attenuation:
    - At 462 MHz: ≤ 4.2 dB
    - At 498 MHz: ≤ 4.2 dB
    - 430-450 MHz: ≥ 36 dB
    - 510-530 MHz: ≥ 36 dB
    ️· Insertion Loss (at 480 MHz): ≤ 22.5 dB
    ️· Amplitude Ripple (at fo ± 13.0 MHz): ≤ 1.0 dBp-p
    ️· Group Delay (at fo): 274 ns
    ️· Group Delay Ripple (at fo ± 13.5 MHz): ≤ 3.0 nsp-p

    ## Maximum Ratings
    ️· Operating Temperature: -25°C to +85°C
    ️· Storage Temperature: -40°C to +85°C
    ️· DC Voltage (between any two pins): 0 V
    ️· AC Voltage (between any two pins): 5 V

    ## Marking & Packaging
    ️· Marking: NNNN (Part Number), RYWWZZ (Date Code – Supplier, Year, Week, Lot)
    ️· Packaging: 50 filters per tube, 500 parts per block. Homogenous orientation within block.

    # TMX W345 SAW Bandpass Filter

    ## Features
    ️· IF Filter
    ️· Constant Group Delay
    ️· 36.2 MHz usable Passband
    ️· 50 Ω Single Configuration
    ️· TO39 Package

    ## Package & Dimensions
    ️· Pin Configuration: Input (1 or 2), Output (2 or 1), Case Ground (3)
    ️· Dimensions (mm):
    - A: 9.35 ± 0.1
    - B: 5.08 ± 0.1
    - C: 3.40 ± 0.1
    - D: 3.00 ± 0.2
    - E: 0.45 ± 0.2

    ## Technical Characteristics (at +25°C)
    ️· Source Impedance: 50 Ω
    ️· Load Impedance: 50 Ω
    ️· Center Frequency (fo): 480 MHz (Range: 479-481 MHz)
    ️· Bandwidth (-3 dB): 36.2 MHz
    ️· Attenuation:
    - At 462 MHz: ≤ 4.2 dB
    - At 498 MHz: ≤ 4.2 dB
    - 430-450 MHz: ≥ 36 dB
    - 510-530 MHz: ≥ 36 dB
    ️· Insertion Loss (at 480 MHz): ≤ 22.5 dB
    ️· Amplitude Ripple (at fo ± 13.0 MHz): ≤ 1.0 dBp-p
    ️· Group Delay (at fo): 274 ns
    ️· Group Delay Ripple (at fo ± 13.5 MHz): ≤ 3.0 nsp-p

    ## Maximum Ratings
    ️· Operating Temperature: -25°C to +85°C
    ️· Storage Temperature: -40°C to +85°C
    ️· DC Voltage (between any two pins): 0 V
    ️· AC Voltage (between any two pins): 5 V

    ## Marking & Packaging
    ️· Marking: NNNN (Part Number), RYWWZZ (Date Code – Supplier, Year, Week, Lot)
    ️· Packaging: 50 filters per tube, 500 parts per block. Homogenous orientation within block.

    Part No.TMXW345
    ManufacturerTEMEX
    Size274 Kbytes
    Pages5 pages
    DescriptionSAW Bandpass Filter - Satellite Receiver - IF