Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC3104 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VSC3104 Datasheet

  • # Example questions: ➢ How much power does each channel dissipate when the vsc3108 is in operation?
    ➢ What is the maximum data rate supported by both the vsc3104 and vsc3108?
    ➢ What input signal range can the vsc3104/vsc3108 accommodate?

  • Part No.VSC3104
    ManufacturerVITESSE
    Size446 Kbytes
    Pages2 pages
    Descriptioncrosspoint switch with integrated equalization
    Datasheet Summary with AI

    # VSC3104, VSC3108 Crosspoint Switches

    ## General Description
    · The VSC3104 is a 4x4 crosspoint switch.
    · The VSC3108 is an 8x8 crosspoint switch.
    · Both feature integrated equalization for improved signal integrity in backplane and cable applications.

    ## Features
    · Data Rate: Up to 6.5 Gb/s
    · Integrated equalization
    · Low cost, compact form factor
    · Single supply operation (2.5V, 3.3V option)
    · Highly programmable
    · Robust operation across voltage and temperature
    · Fully asynchronous operation
    · Excellent crosstalk and noise immunity

    ## Specifications
    · Added Jitter: 20ps
    · Channel-to-Channel Skew: 10ps
    · Output Rise/Fall Time: 50ps
    · Output Source Termination: 50Ω
    · Input Differential Termination: 100Ω
    · Power Dissipation: 250mW per channel
    · Input Signal Range: 100mV – 2400mV
    · Output Swing: 550mV – 1100mV (programmable)

    ## Applications
    · Backplane Driver/Receiver
    · Loop-back Switch
    · Protection Switching
    · Fan-out Buffering
    · Cable Driver/Receiver
    · Wire Re-ordering

    ## Block Diagram Components (VSC3108)
    · Programming Interface
    · PRBS Generator/Detector
    · Switch Configuration Register
    · Switch Core
    · Input Signal Equalization (ISE)
    · Output Level Control & Pre-Emphasis

    # VSC3104, VSC3108 Crosspoint Switches

    ## General Description
    · The VSC3104 is a 4x4 crosspoint switch.
    · The VSC3108 is an 8x8 crosspoint switch.
    · Both feature integrated equalization for improved signal integrity in backplane and cable applications.

    ## Features
    · Data Rate: Up to 6.5 Gb/s
    · Integrated equalization
    · Low cost, compact form factor
    · Single supply operation (2.5V, 3.3V option)
    · Highly programmable
    · Robust operation across voltage and temperature
    · Fully asynchronous operation
    · Excellent crosstalk and noise immunity

    ## Specifications
    · Added Jitter: 20ps
    · Channel-to-Channel Skew: 10ps
    · Output Rise/Fall Time: 50ps
    · Output Source Termination: 50Ω
    · Input Differential Termination: 100Ω
    · Power Dissipation: 250mW per channel
    · Input Signal Range: 100mV – 2400mV
    · Output Swing: 550mV – 1100mV (programmable)

    ## Applications
    · Backplane Driver/Receiver
    · Loop-back Switch
    · Protection Switching
    · Fan-out Buffering
    · Cable Driver/Receiver
    · Wire Re-ordering

    ## Block Diagram Components (VSC3108)
    · Programming Interface
    · PRBS Generator/Detector
    · Switch Configuration Register
    · Switch Core
    · Input Signal Equalization (ISE)
    · Output Level Control & Pre-Emphasis

    Part No.VSC3104
    ManufacturerVITESSE
    Size446 Kbytes
    Pages2 pages
    Descriptioncrosspoint switch with integrated equalization